Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMEPR60C-50120AZ Fiches technique(PDF) 3 Page - AIMTEC

No de pièce AMEPR60C-50120AZ
Description  LED Driver / Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR60C-50120AZ Fiches technique(HTML) 3 Page - AIMTEC

  AMEPR60C-50120AZ Datasheet HTML 1Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 2Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 3Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 4Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 5Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 6Page - AIMTEC AMEPR60C-50120AZ Datasheet HTML 7Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Series AMEPR60C-AZ
up to 5A | AC-DC / DC-DC | LED Driver / Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.C
3 of 7
North America only
Dimensions
60.00
(2.36)
137.33
(5.41)
40.50
(1.59)
161.30
(6.35)
200.00
(8.00)
200.00
(8.00)
2.30
(0.09)
40.50
(1.59)
60.00
(2.36)
16.75
(0.66)
End View
Top View
Side View
32.00
(1.26)
Input/Output Wires are 18 AWG 20cm
Temperature Graph
-40 -20
0
20
40
60
80
100
100
80
60
40
20
0
Free Air Convection
55 º C
Safe Operating Area
Ambient Temperature º C
85


Numéro de pièce similaire - AMEPR60C-50120AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ Datasheet
826Kb / 14P
   Over Temperature Protection
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ Datasheet
645Kb / 13P
   AC-DC Constant Current or Constant
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ_17 Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results

Description similaire - AMEPR60C-50120AZ

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AMEPR30C-5070AZ AIMTEC-AMEPR30C-5070AZ Datasheet
646Kb / 9P
   LED Driver / Converter
AMER90C-50180CAZ AIMTEC-AMER90C-50180CAZ Datasheet
967Kb / 6P
   LED Driver / Converter
AMER150C-50300CAZ AIMTEC-AMER150C-50300CAZ Datasheet
979Kb / 7P
   LED Driver / Converter
AMER120C-50250AZ AIMTEC-AMER120C-50250AZ Datasheet
1Mb / 6P
   LED Driver / Converter
AMER90C-50180AZ AIMTEC-AMER90C-50180AZ Datasheet
967Kb / 6P
   LED Driver / Converter
AMER120C-50250CAZ AIMTEC-AMER120C-50250CAZ Datasheet
978Kb / 6P
   LED Driver / Converter
AMER150C-50300AZ AIMTEC-AMER150C-50300AZ Datasheet
1Mb / 7P
   LED Driver / Converter
logo
Zetex Semiconductors
ZXSC400 ZETEX-ZXSC400 Datasheet
195Kb / 16P
   LED DRIVER BOOST CONVERTER
logo
Diodes Incorporated
ZXSC400 DIODES-ZXSC400 Datasheet
203Kb / 16P
   LED DRIVER BOOST CONVERTER
logo
Catalyst Semiconductor
CAT37 CATALYST-CAT37 Datasheet
168Kb / 13P
   CMOS White LED Driver Boost Converter
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com