Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2651 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2651
Description  1.5A High Efficiency Synchronous Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2651 Fiches technique(HTML) 1 Page - Texas Instruments

  LM2651 Datasheet HTML 1Page - Texas Instruments LM2651 Datasheet HTML 2Page - Texas Instruments LM2651 Datasheet HTML 3Page - Texas Instruments LM2651 Datasheet HTML 4Page - Texas Instruments LM2651 Datasheet HTML 5Page - Texas Instruments LM2651 Datasheet HTML 6Page - Texas Instruments LM2651 Datasheet HTML 7Page - Texas Instruments LM2651 Datasheet HTML 8Page - Texas Instruments LM2651 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LM2651
www.ti.com
SNVS032C – MAY 2004 – REVISED APRIL 2005
LM2651 1.5A High Efficiency Synchronous Switching Regulator
Check for Samples: LM2651
1
FEATURES
Input undervoltage lockout
Adjustable soft-start
2
Ultra high efficiency up to 97%
Current limit and thermal shutdown
High efficiency over a 1.5A to milliamperes
load range
16-pin TSSOP package
4V to 14V input voltage range
APPLICATIONS
1.8V, 2.5V, 3.3V, or ADJ output voltage
Personal digital assistants (PDAs)
Internal MOSFET switch with low RDS(on) of
75m
Computer peripherals
300kHz fixed frequency internal oscillator
Battery-powered devices
7µA shutdown current
Handheld scanners
Patented current sensing for current mode
High efficiency 5V conversion
control
DESCRIPTION
The LM2651 switching regulator provides high efficiency power conversion over a 100:1 load range (1.5A to
15mA). This feature makes the LM2651 an ideal fit in battery-powered applications that demand long battery life
in both run and standby modes.
Synchronous rectification is used to achieve up to 97% efficiency. At light loads, the LM2651 enters a low power
hysteretic or “sleep” mode to keep the efficiency high. In many applications, the efficiency still exceeds 80% at
15mA load. A shutdown pin is available to disable the LM2651 and reduce the supply current to less than 10µA.
The LM2651 contains a patented current sensing circuitry for current mode control. This feature eliminates the
external current sensing resistor required by other current-mode DC-DC converters.
The LM2651 has a 300 kHz fixed frequency internal oscillator. The high oscillator frequency allows the use of
extremely small, low profile components.
A programmable soft-start feature limits current surges from the input power supply at start up and provides a
simple means of sequencing multiple power supplies.
Other protection features include input undervoltage lockout, current limiting, and thermal shutdown.
Typical Application
Figure 1. Efficiency vs Load Current
(VIN = 5V, VOUT = 3.3V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - LM2651

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651MTC-1.8 NSC-LM2651MTC-1.8 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651MTC-1.8 NSC-LM2651MTC-1.8 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651MTC-2.5 NSC-LM2651MTC-2.5 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
More results

Description similaire - LM2651

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2653MTCX-ADJ TI1-LM2653MTCX-ADJ Datasheet
1Mb / 20P
[Old version datasheet]   LM2653 1.5A High Efficiency Synchronous Switching Regulator
LM2651 TI-LM2651_15 Datasheet
946Kb / 19P
[Old version datasheet]   LM2651 1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655 NSC-LM2655_05 Datasheet
769Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
LM26001 NSC-LM26001_08 Datasheet
502Kb / 18P
   1.5A Switching Regulator with High Efficiency Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com