Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

QS3861QG Datasheet(Fiches technique) 1 Page - Integrated Device Technology

Numéro de pièce QS3861QG
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH BUS SWITCH WITH
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo 

QS3861QG Datasheet(HTML) 1 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
IDTQS3861
HIGH-SPEEDCMOS10-BITBUSSWITCHWITHFLOW-THROUGHPINOUT
INDUSTRIALTEMPERATURERANGE
JANUARY 2013
2013 Integrated Device Technology, Inc.
DSC-5767/6
c
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
IDTQS3861
FUNCTIONAL BLOCK DIAGRAM
FEATURES:
• Enhanced N channel FET with no inherent diode to Vcc
•5Ω
Ω
Ω
Ω
Ω bidirectional switches connect inputs to outputs
• Zero propagation delay, zero ground bounce
• Undershoot clamp diodes on all switch and control inputs
• Available in QSOP and TSSOP packages
APPLICATIONS:
• Hot-swapping, hot-docking
• Voltage translation (5V to 3.3V)
• Power Conservation
• Capacitance reduction and isloation
• Bus Isolation
• Clock Gating
QUICKSWITCH® PRODUCTS
HIGH-SPEED CMOS 10-BIT
BUS SWITCH WITH
FLOW-THROUGH PINOUT
DESCRIPTION:
The QS3861 provides a set of ten high-speed CMOS TTL-compatible
bus switches. The low ON resistance (5
Ω) of the QS3861 allows inputs to
be connected without adding propagation delay and without generating
additional ground bounce noise. The Bus Enable (BE) signal turns the
switches on.
The QS3861 is characterized for operation at -40°C to +85°C.
A0
BE
B0
A9
B9


Html Pages

1  2  3  4  5 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn