Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

QS3861QG Datasheet(Fiches technique) 3 Page - Integrated Device Technology

Numéro de pièce QS3861QG
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH WITH BUS SWITCH WITH
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo 

QS3861QG Datasheet(HTML) 3 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
IDTQS3861
HIGH-SPEEDCMOS10-BITBUSSWITCHWITHFLOW-THROUGHPINOUT
INDUSTRIALTEMPERATURERANGE
TYPICAL ON RESISTANCE vs VIN AT VCC = 5V
RON
(ohms)
VIN
(Volts)
Symbol
Parameter
Test Conditions
Min.
Typ.(1) Max.
Unit
VIH
Input HIGH Voltage
Guaranteed Logic HIGH for Control Pins
2
V
VIL
InputLOWVoltage
GuaranteedLogicLOWforControlPins
0.8
V
IIN
InputLeakageCurrent(ControlInputs)
0V
≤ VIN ≤ VCC
±0.01
±1
μA
IOZ
Off-StateCurrent(Hi-Z)
0V
≤ VOUT ≤ VCC, Switches OFF
±0.01
±1
μA
RON
Switch ON Resistance
VCC = Min., VIN = 0V, ION = 30mA
5
7
Ω
VCC = Min., VIN = 2.4V, ION = 15mA
10
15
VP
PassVoltage(2)
VIN = VCC = 5V, IOUT = -5
μA
3.7
4
4.2
V
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 5V ± 5%
NOTES:
1. Typical values are at VCC = 5V and TA = 25°C.
2. Pass voltage is guaranteed but not production tested.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
2
4
6
8
10
12
14
16


Html Pages

1  2  3  4  5 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn