Moteur de recherche de fiches techniques de composants électroniques |
|
BU2525AX Fiches technique(PDF) 1 Page - Savantic, Inc. |
|
BU2525AX Fiches technique(HTML) 1 Page - Savantic, Inc. |
1 / 3 page SavantIC Semiconductor Product Specification Silicon NPN Power Transistors BU2525AX DESCRIPTION ·With TO-3PML package ·High voltage ·High speed switching APPLICATIONS ·For use in horizontal deflection circuits of large screen colour TV receivers. PINNING PIN DESCRIPTION 1 Base 2 Collector 3 Emitter Absolute maximum ratings(Ta=25 ) SYMBOL PARAMETER CONDITIONS VALUE UNIT VCBO Collector-base voltage Open emitter 1500 V VCEO Collector-emitter voltage Open base 800 V VEBO Emitter-base voltage Open collector 7.5 V IC Collector current (DC) 12 A ICM Collector current -peak 30 A IB Base current (DC) 8 A IBM Base current -peak 12 A Ptot Total power dissipation TC=25 45 W Tj Junction temperature 150 Tstg Storage temperature -55~150 Fig.1 simplified outline (TO-3PML) and symbol |
Numéro de pièce similaire - BU2525AX |
|
Description similaire - BU2525AX |