Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS659108 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS659108
Description  Integrated Power Management Unit Top Specification
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS659108 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS659108 Datasheet HTML 1Page - Texas Instruments TPS659108 Datasheet HTML 2Page - Texas Instruments TPS659108 Datasheet HTML 3Page - Texas Instruments TPS659108 Datasheet HTML 4Page - Texas Instruments TPS659108 Datasheet HTML 5Page - Texas Instruments TPS659108 Datasheet HTML 6Page - Texas Instruments TPS659108 Datasheet HTML 7Page - Texas Instruments TPS659108 Datasheet HTML 8Page - Texas Instruments TPS659108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 97 page
background image
TPS65910, TPS65910A, TPS65910A3, TPS659101, TPS659102, TPS659103
TPS659104, TPS659105, TPS659106, TPS659107, TPS659108, TPS659109
www.ti.com
SWCS046T – MARCH 2010 – REVISED SEPTEMBER 2013
RECOMMENDED OPERATING CONDITIONS (continued)
over operating free-air temperature range (unless otherwise noted)
Lists of the recommended operating maximum ratings for the TPS65910 device are given below.
Note1: VCC7 should be connected to the highest supply that is connected to the device VCCx pin. The exception is that
VCC2 and VCC4 can be higher than VCC7.
Note2: VCC2 and VCC4 must be connected together (to the same voltage).
Note3: If VDD3 boost is used, VAUX33 must be set to 2.8 V or higher and enabled before VDD3.
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
CO filtering capacitor ESR
0
500
m
Ω
VDAC LDO
Filtering capacitor CO(VDAC)
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
m
Ω
VMMC LDO
Input capacitor CI(VCC4)
X5R or X7R dielectric
4.7
µF
Filtering capacitor CO(VMMC)
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
m
Ω
VAUX33 LDO
Filtering capacitor CO(VAUX33)
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
m
Ω
VAUX1 LDO
Input capacitor CI(VCC3)
X5R or X7R dielectric
4.7
µF
Filtering capacitor CO(VAUX1)
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
m
Ω
VAUX2 LDO
Filtering capacitor CO(VAUX2)
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
m
Ω
VRTC LDO
Input capacitor CI(VCC7)
X5R or X7R dielectric
4.7
µF
Filtering capacitor CO(VRTC)
0.8
2.2
2.64
µF
CO filtering capacitor ESR
0
500
m
Ω
VDD3 SMPS
Input capacitor CI(VDD3)
X5R or X7R dielectric
4.7
µF
Filter capacitor CO(VDD3)
X5R or X7R dielectric
4
10
12
µF
CO filter capacitor ESR
f = 1 MHz
10
300
m
Ω
Inductor LO(VDD3)
2.8
4.7
6.6
µH
LO inductor DC resistor DCRL
50
500
m
Ω
Backup Battery
Battery or superCap supplying VBACKUP
5
10
2000
mF
Backup battery capacitor CBB
Capacitor supplying VBACKUP
1
40
µF
5 to 15 mF
10
1500
Series resistors
Ω
100 to 2000 mF
5
15
I2C Interfaces
SDA_SDI, SCL_SCK, SDASR_EN2,
Connected to VDDIO
1.2
k
Ω
SCLSR_EN1 external pull-up resistor
Crystal Oscillator (connected from OSC32KIN to OSC32KOUT)
Crystal frequency
@ specified load cap value
32.768
kHz
Crystal tolerance
@ 27°C
–20
0
20
ppm
Oscillator contribution (not including crystal
Frequency Temperature coefficient.
–0.5
0.5
ppm/°C
variation)
Secondary temperature coefficient
–0.04
–0.035
–0.03
ppm/°C2
Voltage coefficient
–2
2
ppm/V
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS65910 TPS65910A TPS65910A3 TPS659101 TPS659102 TPS659103 TPS659104
TPS659105 TPS659106 TPS659107 TPS659108 TPS659109


Numéro de pièce similaire - TPS659108

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS659108 TI1-TPS659108 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659108 TI1-TPS659108 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659108A1RSL TI1-TPS659108A1RSL Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659108A1RSL TI1-TPS659108A1RSL Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659108A1RSLR TI1-TPS659108A1RSLR Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
More results

Description similaire - TPS659108

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS65910 TI1-TPS65910 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910_13 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659110 TI1-TPS659110_16 Datasheet
1Mb / 119P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI1-TPS65911 Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V02 Datasheet
2Mb / 143P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V03 Datasheet
2Mb / 144P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
TPS65911 TI-TPS65911_V01 Datasheet
2Mb / 142P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V04 Datasheet
2Mb / 145P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
REVISED AUGUST 2018
TPS659119-Q1 TI1-TPS659119-Q1 Datasheet
1Mb / 132P
[Old version datasheet]   Automotive Integrated Power-Management Unit
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com