Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-AH62 Fiches technique(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-AH62
Description  Viewing Angle: 30째x70째 and 40째x100째
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AH62 Fiches technique(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-AH62 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AH62 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AH62 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AH62 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AH62 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AH62 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AH62 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-AH62 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-AH62 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Intensity Bin Limit Table (1.2: 1 Iv Bin Ratio)
Bin
Intensity (mcd) at 20 mA
Min
Max
U
960
1150
V
1150
1380
W
1380
1660
X
1660
1990
Y
1990
2400
Z
2400
2900
1
2900
3500
Tolerance for each bin limit is ± 15%
VF Bin Table (V at 20mA)
Bin ID
Min
Max
VD
1.8
2.0
VA
2.0
2.2
VB
2.2
2.4
Tolerance for each bin limit is ±0.05V
Amber Color Bin Limits
Bin
Min
Max
1
584.5
587.0
2
587.0
589.5
4
589.5
592.0
6
592.0
594.5
Tolerance for each bin limit is ± 0.5nm.
Figure 9. Relative Light Output vs Junction temperature
Figure 8. Representative Radiation pattern 40°x100° Lamp –Minor Axis
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES
0.1
1
10
-50
-25
0
25
50
75
100
125
150
JUNCTION TEMPERATURE - °C
AMBER
RED-ORANGE
RED


Numéro de pièce similaire - HLMP-AH62

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AH62-UX0DD AVAGO-HLMP-AH62-UX0DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
HLMP-AH62-X10DD AVAGO-HLMP-AH62-X10DD Datasheet
211Kb / 11P
   5mm Mini Oval and Standard Oval AlInGaP LEDs
More results

Description similaire - HLMP-AH62

FabricantNo de pièceFiches techniqueDescription
logo
Elite Enterprises (H.K....
PG1N-RX10 ELITE-PG1N-RX10 Datasheet
311Kb / 3P
   10째 viewing angle
logo
Vishay Siliconix
TLHK4400L VISHAY-TLHK4400L Datasheet
169Kb / 6P
   Wide viewing angle
Rev. 1.2, 06-Jun-14
logo
Kingbright Corporation
APHBM2012LQBDSURKC KINGBRIGHT-APHBM2012LQBDSURKC Datasheet
328Kb / 6P
   Wide viewing angle
APTB1612LVBDSEKJ3C KINGBRIGHT-APTB1612LVBDSEKJ3C Datasheet
315Kb / 6P
   Wide viewing angle
APTB1612SURKQWDF-AMT KINGBRIGHT-APTB1612SURKQWDF-AMT Datasheet
376Kb / 9P
   Wide viewing angle
APTB1612SYKQWDF KINGBRIGHT-APTB1612SYKQWDF Datasheet
294Kb / 8P
   Wide viewing angle
APTB1612LQBDCGKC KINGBRIGHT-APTB1612LQBDCGKC Datasheet
311Kb / 6P
   Wide viewing angle
APB3227SEKCGKC KINGBRIGHT-APB3227SEKCGKC Datasheet
277Kb / 6P
   Wide viewing angle
APTB1612CGKQWDF KINGBRIGHT-APTB1612CGKQWDF Datasheet
293Kb / 8P
   Wide viewing angle
APTB1612LSURKCGKC KINGBRIGHT-APTB1612LSURKCGKC Datasheet
290Kb / 6P
   Wide viewing angle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com