Moteur de recherche de fiches techniques de composants électroniques |
|
HLMP-AG62 Fiches technique(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED |
|
HLMP-AG62 Fiches technique(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED |
3 / 11 page 3 Device Selection Guide 5mm Mini Oval 30°x70° Part Number Color and Dominant Wavelength λd (nm) Typ. Luminous Intensity Iv (mcd) at 20 mA Min. Luminous Intensity Iv (mcd) at 20 mA Max. Stand-Off Package Drawing HLMP-AL62-UX0DD Amber 590 960 1990 No A HLMP-AL62-X10DD Amber 590 1660 3500 No A HLMP-AH62-UX0DD Red-Orange 615 960 1990 No A HLMP-AH62-X10DD Red-Orange 615 1660 3500 No A HLMP-AG62-UX0DD Red 626 960 1990 No A HLMP-AG62-X10DD Red 626 1660 3500 No A HLMP-AL63-UX0DD Amber 590 960 1990 Yes B HLMP-AL63-X10DD Amber 590 1660 3500 Yes B HLMP-AH63-UX0DD Red-Orange 615 960 1990 Yes B HLMP-AH63-X10DD Red-Orange 615 1660 3500 Yes B HLMP-AG63-UX0DD Red 626 960 1990 Yes B HLMP-AG63-X10DD Red 626 1660 3500 Yes B 5mm Standard Oval 40°x100° Part Number Color and Dominant Wavelength λd (nm) Typ Luminous Intensity Iv (mcd) at 20 mA Min. Luminous Intensity Iv (mcd) at 20 mA Max. Stand-Off Package Drawing HLMP-HL62-TX0DD Amber 590 800 1990 No C HLMP-HH62-TX0DD Red-Orange 615 800 1990 No C HLMP-HG62-TX0DD Red 626 800 1990 No C HLMP-HL63-TX0DD Amber 590 800 1990 Yes D HLMP-HH63-TX0DD Red-Orange 615 800 1990 Yes D HLMP-HG63-TX0DD Red 626 800 1990 Yes D Notes: 1. The luminous intensity is measured on the mechanical axis of the lamp package. 2. Tolerance for each intensity limit is ± 15%. 3. Please refer to AN 5352 for detail information on features of stand-off and non stand-off LEDs. |
Numéro de pièce similaire - HLMP-AG62 |
|
Description similaire - HLMP-AG62 |