Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62091 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62091
Description  3A High Efficient Synchronous Step Down Converter with DCS??Control
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62091 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS62091 Datasheet HTML 6Page - Texas Instruments TPS62091 Datasheet HTML 7Page - Texas Instruments TPS62091 Datasheet HTML 8Page - Texas Instruments TPS62091 Datasheet HTML 9Page - Texas Instruments TPS62091 Datasheet HTML 10Page - Texas Instruments TPS62091 Datasheet HTML 11Page - Texas Instruments TPS62091 Datasheet HTML 12Page - Texas Instruments TPS62091 Datasheet HTML 13Page - Texas Instruments TPS62091 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
SS
FB
V
V
=
1.56
SS
SS
1.25V
t
= C
x
7.5 A
TPS62090, TPS62091, TPS62092, TPS62093
SLVSAW2B – MARCH 2012 – REVISED APRIL 2014
www.ti.com
Device Functional Modes (continued)
In Power Save Mode the output voltage rises slightly above the nominal output voltage in PWM mode, as shown
in Figure 16 and Figure 17. This effect can be reduced by increasing the output capacitance or the inductor
value. This effect can also be reduced by programming the output voltage of the TPS62090 lower than the target
value. As an example, if the target output voltage is 3.3 V, then the TPS62090 can be programmed to 3.3V -
0.8%. As a result the output voltage accuracy is now -2.2% to +2.2% instead of -1.4% to 3%. The output voltage
accuracy in PFM operation is reflected in the electrical specification table and given for a 22 µF output
capacitance.
9.4.3 Low Dropout Operation (100% Duty Cycle)
The device offers low input to output voltage difference by entering 100% duty cycle mode. In this mode the high
side MOSFET switch is constantly turned on. This is particularly useful in battery powered applications to achieve
longest operation time by taking full advantage of the whole battery voltage range. The minimum input voltage
where the output voltage falls below its nominal regulation value is given by:
VIN(min) = VOUT(max) + IOUT x ( RDS(on) + RL )
(2)
Where
RDS(on) = High side FET on-resistance
RL = DC resistance of the inductor
VOUT(max) = nominal output voltage plus maximum output voltage tolerance
9.4.4 Softstart (SS)
To minimize inrush current during start up, the device has an adjustable softstart depending on the capacitor
value connected to the SS pin. The device charges the softstart capacitor with a constant current of typically 7.5
µA. The feedback voltage follows this voltage with a fraction of 1.56 until the internal reference voltage of 0.8 V is
reached. The softstart operation is completed once the voltage at the softstart capacitor has reached typically
1.25 V. The soft-start time can be calculated using Equation 3. The larger the softstart capacitor the longer the
softstart time. The relation between softstart voltage and feedback voltage can be estimated using Equation 4.
(3)
(4)
This is also the case for the fixed output voltage option having the internal regulation voltage. During start-up the
switch current limit is reduced to 1/3 (~1.5 A) of its typical current limit of 4.6 A. Once the output voltage exceeds
typically 0.6 V the current limit is released to its nominal value. The device provides a reduced load current of
~1.5A when the output voltage is below typ 0.6V. Due to this, a small or no softstart time may trigger the short
circuit protection during start-up especially for larger output capacitors >22uF. This can be avoided by using
larger softstart capacitance extending the softstart time. See Short Circuit Protection (Hiccup-Mode) for details of
the reduced current limit during startup. Leaving the softstart pin floating sets the minimum start-up time.
10
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: TPS62090 TPS62091 TPS62092 TPS62093


Numéro de pièce similaire - TPS62091

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62091 TI1-TPS62091 Datasheet
1Mb / 26P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62091RGTR TI1-TPS62091RGTR Datasheet
1Mb / 26P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62091RGTT TI1-TPS62091RGTT Datasheet
1Mb / 26P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
More results

Description similaire - TPS62091

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62090 TI1-TPS62090 Datasheet
1Mb / 26P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090 TI1-TLV62090 Datasheet
1,017Kb / 23P
[Old version datasheet]   3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090 TI-TPS62090_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6209x 3A High Efficient Synchronous Step Down Converter with DCS??Control
TLV62090 TI-TLV62090_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLV62090 3A High Efficient Synchronous Step Down Converter with DCS??Control
TPS62090-Q1 TI1-TPS62090-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   3-A High-Efficient Synchronous Step-Down Converter with DCS-Control
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
logo
Eutech Microelectronics...
EUP3426 EUTECH-EUP3426 Datasheet
129Kb / 1P
   3A, Synchronous Step-Down Converter
EUP3226 EUTECH-EUP3226 Datasheet
736Kb / 1P
   3A, Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com