Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS43061-312168 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPS43061-312168
Description  Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS43061-312168 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS43061-312168 Datasheet HTML 5Page - Texas Instruments TPS43061-312168 Datasheet HTML 6Page - Texas Instruments TPS43061-312168 Datasheet HTML 7Page - Texas Instruments TPS43061-312168 Datasheet HTML 8Page - Texas Instruments TPS43061-312168 Datasheet HTML 9Page - Texas Instruments TPS43061-312168 Datasheet HTML 10Page - Texas Instruments TPS43061-312168 Datasheet HTML 11Page - Texas Instruments TPS43061-312168 Datasheet HTML 12Page - Texas Instruments TPS43061-312168 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
0
1
2
3
4
5
6
7
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C012
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C013
1.12
1.14
1.16
1.18
1.20
1.22
1.24
1.26
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
EN Voltage Rising
EN Voltage Falling
C010
600
700
800
900
1000
1100
1200
1300
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C011
0.0
0.5
1.0
1.5
2.0
2.5
3.0
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C008
0
1
2
3
4
5
6
7
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C009
TPS43060
TPS43061
www.ti.com
SLVSBP4C – DECEMBER 2012 – REVISED SEPTEMBER 2013
TYPICAL CHARACTERISTICS (continued)
VIN = 12 V, fSW = 500 kHz, TA = 25ºC (unless otherwise noted)
Figure 7. EN Pull-Up Current vs Temperature
Figure 8. EN Hysteresis Current vs Temperature
Figure 9. Enable Threshold vs Temperature
Figure 10. Error Amplifier Transconductance vs
Temperature
Figure 11. SS Charge Current vs Temperature
Figure 12. Gate Driver Output Resistance vs Temperature
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS43060 TPS43061


Numéro de pièce similaire - TPS43061-312168

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS43061RTER TI-TPS43061RTER Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43061RTET TI-TPS43061RTET Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
More results

Description similaire - TPS43061-312168

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS43060 TI-TPS43060 Datasheet
1Mb / 32P
[Old version datasheet]   Low Quiescent Current Synchronous Boost DC-DC Controller with Wide VIN Range
TPS43060 TI-TPS43060_15 Datasheet
1Mb / 43P
[Old version datasheet]   TPS4306x Low Quiescent Current Synchronous Boost DC-DC Controller With Wide VIN Range
logo
Linear Technology
LTC3854 LINER-LTC3854_15 Datasheet
539Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3854 LINER-LTC3854 Datasheet
387Kb / 28P
   Small Footprint, Wide VIN Range Synchronous Step-Down DC/DC Controller
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
   1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LT8705 LINER-LT8705_15 Datasheet
544Kb / 44P
   80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
   80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
LTC3863 LINER-LTC3863 Datasheet
541Kb / 36P
   60V Low IQ Inverting DC/DC Controller Wide Operating VIN Range: 3.5V to 60V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com