Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM25574 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce LM25574
Description  SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM25574 Fiches technique(HTML) 3 Page - Texas Instruments

  LM25574_14 Datasheet HTML 1Page - Texas Instruments LM25574_14 Datasheet HTML 2Page - Texas Instruments LM25574_14 Datasheet HTML 3Page - Texas Instruments LM25574_14 Datasheet HTML 4Page - Texas Instruments LM25574_14 Datasheet HTML 5Page - Texas Instruments LM25574_14 Datasheet HTML 6Page - Texas Instruments LM25574_14 Datasheet HTML 7Page - Texas Instruments LM25574_14 Datasheet HTML 8Page - Texas Instruments LM25574_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
2
3
4
5
6
7
8
VIN
PRE
FB
VCC
IS
AGND
OUT
RAMP
9
10
11
12
COMP
SD
BST
RT
13
14
15
16
SS
PGND
SYNC
SW
LM25574
www.ti.com
SNVS483F – JANUARY 2007 – REVISED FEBRUARY 2009
Connection Diagram
Figure 1. Top View
16-Lead TSSOP
Pin Functions
Pin Descriptions
Pin(s)
Name
Description
Application Information
1
VCC
Output of the bias regulator
Vcc tracks Vin up to 9V. Beyond 9V, Vcc is regulated to 7 Volts.
A 0.1uF to 1uF ceramic decoupling capacitor is required. An
external voltage (7.5V – 14V) can be applied to this pin to
reduce internal power dissipation.
2
SD
Shutdown or UVLO input
If the SD pin voltage is below 0.7V the regulator will be in a low
power state. If the SD pin voltage is between 0.7V and 1.225V
the regulator will be in standby mode. If the SD pin voltage is
above 1.225V the regulator will be operational. An external
voltage divider can be used to set a line undervoltage shutdown
threshold. If the SD pin is left open circuit, a 5µA pull-up current
source configures the regulator fully operational.
3
Vin
Input supply voltage
Nominal operating range: 6V to 42V
4
SYNC
Oscillator synchronization input or output
The internal oscillator can be synchronized to an external clock
with an external pull-down device. Multiple LM25574 devices
can be synchronized together by connection of their SYNC pins.
5
COMP
Output of the internal error amplifier
The loop compensation network should be connected between
this pin and the FB pin.
6
FB
Feedback signal from the regulated output
This pin is connected to the inverting input of the internal error
amplifier. The regulation threshold is 1.225V.
7
RT
Internal oscillator frequency set input
The internal oscillator is set with a single resistor, connected
between this pin and the AGND pin.
8
RAMP
Ramp control signal
An external capacitor connected between this pin and the AGND
pin sets the ramp slope used for current mode control.
Recommended capacitor range 50pF to 2000pF.
9
AGND
Analog ground
Internal reference for the regulator control functions
10
SS
Soft-start
An external capacitor and an internal 10µA current source set
the time constant for the rise of the error amp reference. The SS
pin is held low during standby, Vcc UVLO and thermal
shutdown.
11
OUT
Output voltage connection
Connect directly to the regulated output voltage.
12
PGND
Power ground
Low side reference for the PRE switch and the IS sense resistor.
13
IS
Current sense
Current measurement connection for the re-circulating diode. An
internal sense resistor and a sample/hold circuit sense the diode
current near the conclusion of the off-time. This current
measurement provides the DC level of the emulated current
ramp.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM25574


Numéro de pièce similaire - LM25574_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
More results

Description similaire - LM25574_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM25574_0703 NSC-LM25574_0703 Datasheet
414Kb / 22P
   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25575 TI1-LM25575_14 Datasheet
989Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5574 TI1-LM5574_14 Datasheet
911Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com