Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM25116 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce LM25116
Description  Wide Range Synchronous Buck Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM25116 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button LM25116_14 Datasheet HTML 4Page - Texas Instruments LM25116_14 Datasheet HTML 5Page - Texas Instruments LM25116_14 Datasheet HTML 6Page - Texas Instruments LM25116_14 Datasheet HTML 7Page - Texas Instruments LM25116_14 Datasheet HTML 8Page - Texas Instruments LM25116_14 Datasheet HTML 9Page - Texas Instruments LM25116_14 Datasheet HTML 10Page - Texas Instruments LM25116_14 Datasheet HTML 11Page - Texas Instruments LM25116_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LM25116
SNVS509C – APRIL 2007 – REVISED AUGUST 2011
www.ti.com
Typical Performance Characteristics (continued)
LO High RDS(ON)
EN Input Threshold
vs
vs
VCC
Temperature
LO Low RDS(ON)
HB to SW UVLO
vs
vs
VCC
Temperature
Forced HO Off-time
vs
HB DC Bias Current
Temperature
vs
VCCX = 5V
Temperature
8
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Links: LM25116


Numéro de pièce similaire - LM25116_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM25116MH NSC-LM25116MH Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116MH TI-LM25116MH Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM25116MH/NOPB TI-LM25116MH/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
National Semiconductor ...
LM25116MHX NSC-LM25116MHX Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116MHX TI-LM25116MHX Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
More results

Description similaire - LM25116_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Range Synchronous Buck Controller
logo
National Semiconductor ...
LM25116 NSC-LM25116 Datasheet
609Kb / 26P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM5116 TI-LM5116_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI-LM5116-HT_15 Datasheet
578Kb / 35P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
logo
Shenzhen Huazhimei Semi...
HM1483C HMSEMI-HM1483C Datasheet
607Kb / 9P
   Wide Range Synchronous Buck Controller
logo
Lowpower Semiconductor ...
LP6496 POWER-LP6496 Datasheet
424Kb / 6P
   Wide Range Synchronous Buck Controller
logo
Texas Instruments
LM25116 TI-LM25116 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Range Synchronous Buck Controller
LM5116-HT TI1-LM5116-HT Datasheet
636Kb / 34P
[Old version datasheet]   WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
logo
SHOUDING Shouding Semic...
SDA2717E SHOUDING-SDA2717E Datasheet
801Kb / 10P
   Wide Range Synchronous Buck Controller
logo
Shenzhen Huazhimei Semi...
HM1483B HMSEMI-HM1483B Datasheet
772Kb / 9P
   Wide Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com