Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF120 Fiches technique(PDF) 3 Page - New Jersey Semi-Conductor Products, Inc.

No de pièce IRF120
Description  N-Channel Power MOSFETs, 11 A, 60-100 V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Site Internet  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

IRF120 Fiches technique(HTML) 3 Page - New Jersey Semi-Conductor Products, Inc.

  IRF120 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. IRF120 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. IRF120 Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Numéro de pièce similaire - IRF120

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
IRF120 SAMSUNG-IRF120 Datasheet
213Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF120 FAIRCHILD-IRF120 Datasheet
166Kb / 5P
   N-Channel Power MOSFETs, 11 A, 60-100 V
logo
Intersil Corporation
IRF120 INTERSIL-IRF120 Datasheet
68Kb / 7P
   8.0A and 9.2A, 80V and 100V, 0.27 and 0.36 Ohm, N-Channel, Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF120 NJSEMI-IRF120 Datasheet
798Kb / 3P
   IRF120-123/IRF520-523 MTP10N08/10N10 N-Channel Power MOSFETs
IRF120 NJSEMI-IRF120 Datasheet
798Kb / 3P
   N-Channel Power MOSFETs, 11 A, 60-100 V
More results

Description similaire - IRF120

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
IRF120-123 FAIRCHILD-IRF120-123 Datasheet
166Kb / 5P
   N-Channel Power MOSFETs, 11 A, 60-100 V
logo
New Jersey Semi-Conduct...
IRF120 NJSEMI-IRF120 Datasheet
798Kb / 3P
   N-Channel Power MOSFETs, 11 A, 60-100 V
logo
Fairchild Semiconductor
IRF130-133 FAIRCHILD-IRF130-133 Datasheet
180Kb / 6P
   N-Channel Power MOSFETs, 20 A, 60-100 V
logo
New Jersey Semi-Conduct...
IRF140 NJSEMI-IRF140 Datasheet
103Kb / 3P
   N-Channel Power MOSFETs, 27 A, 60-100 V
logo
Fairchild Semiconductor
IRF150-153 FAIRCHILD-IRF150-153 Datasheet
125Kb / 4P
   N-Channel Power MOSFETs, 40 A, 60 V/100 V
2N6755 FAIRCHILD-2N6755 Datasheet
136Kb / 5P
   N-Channel Power MOSFETs, 14 A, 60 A/100 V
logo
Texas Instruments
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18533KCS TI-CSD18533KCS Datasheet
699Kb / 9P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com