Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3668 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce LM3668
Description  1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3668 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button LM3668_14 Datasheet HTML 5Page - Texas Instruments LM3668_14 Datasheet HTML 6Page - Texas Instruments LM3668_14 Datasheet HTML 7Page - Texas Instruments LM3668_14 Datasheet HTML 8Page - Texas Instruments LM3668_14 Datasheet HTML 9Page - Texas Instruments LM3668_14 Datasheet HTML 10Page - Texas Instruments LM3668_14 Datasheet HTML 11Page - Texas Instruments LM3668_14 Datasheet HTML 12Page - Texas Instruments LM3668_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
100 Ps/DIV
5V/DIV
5V/DIV
500
mA/DIV
SW2
SW1
VOUT_AC
LOAD
200
mv/DIV
100 Ps/DIV
5V/DIV
5V/DIV
200 mV/DIV
500 mA/DIV
SW2
SW1
VOUT_AC
LOAD
4.0V
3.4V
VIN
VOUT_AC
SW2
SW1
100 mV/DIV
5V/DIV
5V/DIV
100 Ps/DIV
3.4V
2.8V
100 mV/DIV
5V/DIV
5V/DIV
100 Ps/DIV
VIN
VOUT_AC
SW2
SW1
LM3668
www.ti.com
SNVS449L – JUNE 2007 – REVISED MARCH 2011
Typical Performance Characteristics (continued)
Typical Application Circuit (Figure 1): VIN = 3.6V, L = 2.2µH, CIN = 10µF, COUT = 22µF
(1), T
A = 25°C , unless otherwise stated.
Line Transient in Boost Mode
Line Transient in Buck-Boost Mode
( VOUT = 3.4V, Load = 500mA)
( VOUT = 3.4V, Load = 500mA)
Figure 23.
Figure 24.
Load Transient in Buck Mode
Load Transient in Boost Operation
(Forced PWM Mode)
(Forced PWM Mode)
VIN = 4.2V, VOUT = 3.4V, Load = 0-500mA
VIN = 2.7V, VOUT = 3.4V, Load = 0-500mA
Figure 25.
Figure 26.
Load Transient in Buck-Boost Operation
Load Transient in Buck Mode
(Forced PWM Mode)
(Forced PWM Mode)
VIN = 3.44V, VOUT = 3.4V, Load = 0-500mA
VIN = 4.2V, VOUT = 3.0V, Load = 0-500mA
Figure 27.
Figure 28.
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3668


Numéro de pièce similaire - LM3668_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3668 TI-LM3668_15 Datasheet
4Mb / 30P
[Old version datasheet]   1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
More results

Description similaire - LM3668_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668-Q1 TI-LM3668-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
   1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI-LM3668_15 Datasheet
4Mb / 30P
[Old version datasheet]   1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
   1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
logo
Monolithic Power System...
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
logo
STMicroelectronics
STBB3J STMICROELECTRONICS-STBB3J Datasheet
1Mb / 25P
   2 A, high efficiency single inductor buck-boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com