Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3475 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce LM3475
Description  Hysteretic PFET Buck Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3475 Fiches technique(HTML) 5 Page - Texas Instruments

  LM3475_14 Datasheet HTML 1Page - Texas Instruments LM3475_14 Datasheet HTML 2Page - Texas Instruments LM3475_14 Datasheet HTML 3Page - Texas Instruments LM3475_14 Datasheet HTML 4Page - Texas Instruments LM3475_14 Datasheet HTML 5Page - Texas Instruments LM3475_14 Datasheet HTML 6Page - Texas Instruments LM3475_14 Datasheet HTML 7Page - Texas Instruments LM3475_14 Datasheet HTML 8Page - Texas Instruments LM3475_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
4
5
6
7
8
9
10
INPUT VOLTAGE (VIN)
0
20
40
60
80
100
84
86
88
90
92
94
96
98
OUTPUT CURRENT (A)
0.5
1
1.5
2
LM3475
www.ti.com
SNVS239A – OCTOBER 2004 – REVISED JANUARY 2005
Typical Performance Characteristics
Unless specified otherwise, all curves taken at VIN = 5V, VOUT = 2.5V, L = 10 µH, COUT = 100 µF, ESR = 100mΩ, and TA =
25°C.
Quiescent Current
Feedback Voltage
vs
vs
Input Voltage
Temperature
Figure 2.
Figure 3.
Hysteresis Voltage
Hysteresis Voltage
vs
vs
Input Voltage
Temperature
Figure 4.
Figure 5.
Efficiency
Efficiency
vs
vs
Input Voltage
Load Current
IOUT = 2A
Figure 6.
Figure 7.
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3475


Numéro de pièce similaire - LM3475_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results

Description similaire - LM3475_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_16 Datasheet
1Mb / 28P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com