Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2743 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM2743
Description  Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2743 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LM2743 Datasheet HTML 6Page - Texas Instruments LM2743 Datasheet HTML 7Page - Texas Instruments LM2743 Datasheet HTML 8Page - Texas Instruments LM2743 Datasheet HTML 9Page - Texas Instruments LM2743 Datasheet HTML 10Page - Texas Instruments LM2743 Datasheet HTML 11Page - Texas Instruments LM2743 Datasheet HTML 12Page - Texas Instruments LM2743 Datasheet HTML 13Page - Texas Instruments LM2743 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
RFADJ = -5.93 + 3.06
10
7
fSW
+ 0.24
10
12
(fSW)
2
RFB1
VOUT =
RFB1
RFB2
+
VFB
(VFB = 0.6V)
CSS =
tSS
60
LM2743
SNVS276F – MAY 2004 – REVISED JANUARY 2012
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
The LM2743 is a voltage-mode, high-speed synchronous buck regulator with a PWM control scheme. It is
designed for use in set-top boxes, thin clients, DSL/Cable modems, and other applications that require high
efficiency buck converters. It has output shutdown (SD), input under-voltage lock-out (UVLO) mode and power
good (PWGD) flag (based on over-voltage and under-voltage detection). The over-voltage and under-voltage
signals are logically OR'ed to drive the power good signal and provide a logic signal to the system if the output
voltage goes out of regulation. Current limit is achieved by sensing the voltage VDS across the low side MOSFET.
START UP/SOFT-START
When VCC exceeds 2.76V and the shutdown pin (SD) sees a logic high, the soft-start period begins. Then an
internal, fixed 10 µA source begins charging the soft-start capacitor. During soft-start the voltage on the soft-start
capacitor CSS is connected internally to the non-inverting input of the error amplifier. The soft-start period lasts
until the voltage on the soft-start capacitor exceeds the LM2743 reference voltage of 0.6V. At this point the
reference voltage takes over at the non-inverting error amplifier input. The capacitance of CSS determines the
length of the soft-start period, and can be approximated by:
(1)
Where CSS is in µF and tSS is in ms.
During soft start the Power Good flag is forced low and it is released when the FB pin voltage reaches 70% of
0.6V. At this point the chip enters normal operation mode, and the output overvoltage and undervoltage
monitoring starts.
NORMAL OPERATION
While in normal operation mode, the LM2743 regulates the output voltage by controlling the duty cycle of the
high side and low side MOSFETs (see Typical Application Circuit). The equation governing output voltage is:
(2)
The PWM frequency is adjustable between 50 kHz and 1 MHz and is set by an external resistor, RFADJ, between
the FREQ pin and ground. The resistance needed for a desired frequency is approximately:
(3)
Where fSW is in Hz and RFADJ is in kΩ.
TRACKING A VOLTAGE LEVEL
The LM2743 can track the output of a master power supply during soft-start by connecting a resistor divider to
the SS/TRACK pin. In this way, the output voltage slew rate of the LM2743 will be controlled by the master
supply for loads that require precise sequencing. When the tracking function is used no soft-start capacitor
should be connected to the SS/TRACK pin. Otherwise, a CSS value of at least 1 nF between the soft-start pin
and ground should be used.
10
Submit Documentation Feedback
Copyright © 2004–2012, Texas Instruments Incorporated
Product Folder Links: LM2743


Numéro de pièce similaire - LM2743

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2743 NSC-LM2743 Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
logo
Texas Instruments
LM2743 TI-LM2743 Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI1-LM2743 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
National Semiconductor ...
LM2743MTC NSC-LM2743MTC Datasheet
1Mb / 23P
   N-Channel FET Synchronous Buck Regulator Controller for Conversion from 3.3V
logo
Texas Instruments
LM2743MTC TI-LM2743MTC Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
More results

Description similaire - LM2743

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2746 NSC-LM2746 Datasheet
1Mb / 24P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
logo
Texas Instruments
LM2743 TI-LM2743_15 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743MTCX TI-LM2743MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2743 TI1-LM2743 Datasheet
1Mb / 41P
[Old version datasheet]   LM2743 Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller
LM2744 TI1-LM2744 Datasheet
1Mb / 32P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
LM2744 TI-LM2744_15 Datasheet
1Mb / 33P
[Old version datasheet]   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
National Semiconductor ...
LM2744 NSC-LM2744 Datasheet
663Kb / 22P
   Low Voltage N-Channel MOSFET Synchronous Buck Regulator Controller with External Reference
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com