Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLV320DAC3101 Fiches technique(PDF) 70 Page - Texas Instruments

No de pièce TLV320DAC3101
Description  Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320DAC3101 Fiches technique(HTML) 70 Page - Texas Instruments

Back Button TLV320DAC3101_14 Datasheet HTML 66Page - Texas Instruments TLV320DAC3101_14 Datasheet HTML 67Page - Texas Instruments TLV320DAC3101_14 Datasheet HTML 68Page - Texas Instruments TLV320DAC3101_14 Datasheet HTML 69Page - Texas Instruments TLV320DAC3101_14 Datasheet HTML 70Page - Texas Instruments TLV320DAC3101_14 Datasheet HTML 71Page - Texas Instruments TLV320DAC3101_14 Datasheet HTML 72Page - Texas Instruments TLV320DAC3101_14 Datasheet HTML 73Page - Texas Instruments TLV320DAC3101_14 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 101 page
background image
TLV320DAC3101
SLAS666A – JANUARY 2010 – REVISED MAY 2012
www.ti.com
Page 0 / Register 39 (0x27): Overflow Flags
READ/
RESET
BIT
DESCRIPTION
WRITE
VALUE
D7(1)
R
0
Left-Channel DAC Overflow Flag
0: Overflow has not occurred.
1: Overflow has occurred.
D6(1)
R
0
Right-Channel DAC Overflow Flag
0: Overflow has not occurred.
1: Overflow has occurred.
D5(1)
R
0
DAC Barrel Shifter Output Overflow Flag
0: Overflow has not occurred.
1: Overflow has occurred.
D4–D0
R/W
0 0000
Reserved
(1)
Sticky flag bits. These are read-only bits. They are automatically cleared once they are read and are set only if the source trigger occurs
again.
Page 0 / Register 40 (0x28) Through Page 0 / Register 43 (0x2B): Reserved
READ/
RESET
BIT
DESCRIPTION
WRITE
VALUE
D7–D0
R/W
XXXX XXXX
Reserved. Write only the reset value to these bits.
Page 0 / Register 44 (0x2C): DAC Interrupt Flags (Sticky Bits)
READ/
RESET
BIT
DESCRIPTION
WRITE
VALUE
D7(1)
R
0
0: No short circuit is detected at HPL/left class-D driver.
1: Short circuit is detected at HPL/left class-D driver.
D6(1)
R
0
0: No short circuit is detected at HPR/right class-D driver.
1: Short circuit is detected at HPR/right class-D driver.
D5(1)
R
X
0: No headset button pressed
1: Headset button pressed
D4(1)
R
X
0: No headset insertion/removal is detected.
1: Headset insertion/removal is detected.
D3(1)
R
0
0: Left DAC signal power is
≤ the signal threshold of DRC.
1: Left DAC signal power is > the signal threshold of DRC.
D2(1)
R
0
0: Right DAC signal power is
≤ the signal threshold of DRC.
1: Right DAC signal power is > the signal threshold of DRC.
D1–D0
R
00
Reserved
(1)
Sticky flag bits. These are read-only bits. They are automatically cleared once they are read and are set only if the source trigger occurs
again.
Page 0 / Register 45 (0x2D): Reserved
READ/
RESET
BIT
DESCRIPTION
WRITE
VALUE
D7–D0
R/W
0000 0000
Reserved. Write only reset value to these bits.
70
REGISTER MAP
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TLV320DAC3101


Numéro de pièce similaire - TLV320DAC3101_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV320DAC3101 TI-TLV320DAC3101_15 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
More results

Description similaire - TLV320DAC3101_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLV320DAC3101 TI1-TLV320DAC3101 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3101 TI-TLV320DAC3101_15 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100_14 Datasheet
1Mb / 99P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_16 Datasheet
1Mb / 132P
[Old version datasheet]   TLV320AIC3110 Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_14 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
   LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com