Moteur de recherche de fiches techniques de composants électroniques |
|
CDBCT320-HF Fiches technique(PDF) 3 Page - Comchip Technology |
|
CDBCT320-HF Fiches technique(HTML) 3 Page - Comchip Technology |
3 / 4 page B C d D D2 D1 E F P P0 P1 SYMBOL W W1 (mm) (inch) 0.219 ± 0.004 0.322 ± 0.004 0.085 ± 0.004 0.061 ± 0.002 12.992 ± 0.079 1.969 MIN. 0.512 ± 0.020 SYMBOL (mm) (inch) 0.069 ± 0.004 0.295 ± 0.004 0.315 ± 0.004 0.157 ± 0.004 0.079 ± 0.004 0.630± 0.012 0.724 MAX. 5.56 ± 0.10 8.18 ± 0.10 8.00 ± 0.10 1.55 ± 0.05 7.50 ± 0.10 1.75 ± 0.10 50.0 MIN. 13.0 ± 0.50 2.16 ± 0.10 4.00 ± 0.10 2.00 ± 0.10 16.00 ± 0.30 18.40 MAX. 330 ± 2.00 Reel Taping Specification Trailer Device Leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... End Start D1 D W1 T C Direction of Feed Index hole d E F B W P P0 P1 A A D2 Page 3 QW-JB044 REV:A Comchip Technology CO., LTD. Company reserves the right to improve product design , functions and reliability without notice. (DO-214AB) 3220 (DO-214AB) 3220 SMD Schottky Barrier Diode |
Numéro de pièce similaire - CDBCT320-HF |
|
Description similaire - CDBCT320-HF |