Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TD312P485H Fiches technique(PDF) 2 Page - MORNSUN Science& Technology Ltd.

No de pièce TD312P485H
Description  DUAL HIGH SPEED H-485 ISOLATION TRANSCEIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TD312P485H Fiches technique(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  TD312P485H Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TD312P485H Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TD312P485H Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TDx12P485H
2013.03.19-A/0
Page 2 of 3
EMC SPECIFICATIONS
CE
CISPR22/EN55022
CLASS A
(External Circuit Refer to Figure 1-②)
EMI
RE
CISPR22/EN55022
CLASS A
ESD
IEC/EN61000-4-2
Contact
±4KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
IEC/EN61000-4-4
Power Port
±2KV
perf. Criteria B
(External Circuit Refer to Figure 1-①)
EFT
IEC/EN61000-4-4
Signal Port
±1KV
perf. Criteria B
(External Circuit Refer to Figure 1-③)
IEC/EN61000-4-5
Power Port
±1KV/2KV
perf.Criteria B
(External Circuit Refer to Figure 1-①)
Surge
IEC/EN61000-4-5
Signal Port
±4KV/6KV
perf. Criteria B
(External Circuit Refer to Figure 1-③)
EMS
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
OTHER CHARACTERISTICS
Operating temperature:-40
~+85
℃℃
Environmental Temperature
Transport and storage temperature: -50
~+105
℃℃
Size
31.8*20.3*9.5(mm)
Weight
11 g
Application Environment
No dust, fierce shocking, impulsion and corrosive gas
Note:
1.
All specifications measured at TA=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. All specifications stated in this datasheet are subject to the above listed models only. For specifications of non-standard models, please contact our
technical support team.
EMC RECOMMENDED CIRCUIT
GND
VCC
TXD1
L1
RXD1
CON1
Vo
GND
TXD2
RXD2
CO N2
Vo
1
2
3
4
5
9
10
11
12
A1
B1
RGND
VCC
A2
B2
RG ND
24
23
22
21
20
16
15
14
13
TVS1 C1
C2
C3
G DT1
R3
R2
TVS4
TVS3
T VS2
R4
TVS5
R5
TVS6
T VS7
GDT2
C4
R1
C5
C6
C7
C8
T Dx12P485H
(Figure 1)
Recommended external circuit parameters:
Model
TD312P485H
TD512P485H
C1
220uF/10V(Electrolytic capacitor)
TVS1
SMCJ5.0A
SMCJ6.5A
C2,C3
1
μ/25V
L1
10
μH
C4
1000pF/2000V
R1
1M
Ω
TVS2,TVS3
TVS5,TVS6
SMBJ15CA
TVS4,TVS7
SMBJ10CA
R2,R3,R4,R5
10
Ω/2W(Wire-wound resistor)
C5,C6,C7,C8
100pF/100V
GDT1,GDT2
B3D090L-C


Numéro de pièce similaire - TD312P485H

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
TD312P485 MORNSUN-TD312P485 Datasheet
338Kb / 3P
   DUAL LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
More results

Description similaire - TD312P485H

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
TD31IP485H MORNSUN-TD31IP485H Datasheet
750Kb / 3P
   DUAL ISOLATION HIGH SPEED H-485 TRANSCEIVER
logo
Guangzhou Reicu Electro...
RE3485ECHT REICU-RE3485ECHT Datasheet
5Mb / 1P
   485 Enhanced Isolation Transceiver Module
REV:15.4
logo
Maxim Integrated Produc...
MAX3158 MAXIM-MAX3158 Datasheet
305Kb / 14P
   High CMRR RS-485 Transceiver with 짹60V Isolation
19-2778; Rev 0; 2/03
MAX3157 MAXIM-MAX3157 Datasheet
307Kb / 13P
   High CMRR RS-485 Transceiver with 짹50V Isolation
19-1778; Rev 3; 11/01
logo
MORNSUN Science& Techno...
TD301D232H MORNSUN-TD301D232H Datasheet
901Kb / 3P
   SINGLE HIGH SPEED RS232 ISOLATION TRANSCEIVER
TD301DCANH2 MORNSUN-TD301DCANH2 Datasheet
871Kb / 3P
   DUPLEX HIGH RATE H-CAN ISOLATION TRANSCEIVER MODULE
TD301DCANH3 MORNSUN-TD301DCANH3 Datasheet
872Kb / 3P
   SINGLE HIGH RATE H-CAN ISOLATION TRANSCEIVER MODULE
TD301D485H-A MORNSUN-TD301D485H-A Datasheet
555Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD1211D485H MORNSUN-TD1211D485H Datasheet
349Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H MORNSUN-TD301D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com