Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC290X-EVM Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce DAC290X-EVM
Description  POPULATED EVALUATION BOARD FOR THE DUAL, HIGH-SPEED DAC290x
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC290X-EVM Fiches technique(HTML) 2 Page - Texas Instruments

  DAC290X-EVM Datasheet HTML 1Page - Texas Instruments DAC290X-EVM Datasheet HTML 2Page - Texas Instruments DAC290X-EVM Datasheet HTML 3Page - Texas Instruments DAC290X-EVM Datasheet HTML 4Page - Texas Instruments DAC290X-EVM Datasheet HTML 5Page - Texas Instruments DAC290X-EVM Datasheet HTML 6Page - Texas Instruments DAC290X-EVM Datasheet HTML 7Page - Texas Instruments DAC290X-EVM Datasheet HTML 8Page - Texas Instruments DAC290X-EVM Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DAC290x-EVM
2
SBAU071B
INITIAL CONFIGURATION
By using jumpers and 0
Ω resistors, the DAC290x-EVM can
be set up in a variety of configurations to accommodate a
specific mode of operation. Before starting evaluation, the
user should decide on the configuration and make the appro-
priate connections or changes. The demonstration board
comes with the following factory-set configuration:
• Single clock source driving CLK_1, WRT_1, CLK_2, and
WRT_2 from WRT_1 input J5. W10, R21, R32-R37, and
J6-J8 not installed.
• Transformer coupled outputs (1:1) using transformer T1
and T2. R43-R46, C12, C13, C22, and C23 not installed.
Note that a dc-bias voltage is set at the center tap.
• The converter is set to operate with the internal reference.
Jumper W1 is not installed.
• The full-scale output current of both DACs is set to 20mA
through the FSA resistors R15 and R16 (2k
Ω each). Jumper
W2 is installed connecting pin 42 (GSET) to ground.
• The DAC290x output is enabled (power-down mode dis-
abled). Jumper W6 is installed connecting pin 37 (PD) to
ground.
POWER SUPPLY
The DAC290x converter requires two power supplies—an
analog and a digital supply. Each of the supplies may be set
independently between +3.0V and +5.0V. The analog sup-
ply, +VA, must be connected at banana jack J9 with the
return going to banana jack J10. The digital supply, +VD,
connects at banana jack J11 with the return connected to J12.
When operating the DAC290x with a +3.0V digital supply,
care must be taken that the amplitude of the digital data
inputs has a corresponding logic level. The logic high level
must not exceed the power supply by more than 0.3V. Refer
to the product data sheets (DAC2900—SBAS166;
DAC2902—SBAS167; DAC2904—SBAS198) for further
details.
All analog and digital power, and grounds are distributed by
the use of power planes.
INPUT CLOCK
The DAC290x-EVM default configuration requires only
one clock input. The clock should be applied via SMA
connector WRT_1 (J5), which provides a 50
Ω terminated
input. It is recommended to use a square wave clock with an
amplitude of
≥ 3.0Vp-p. In order to preserve the specified
performance of the DAC290x converter, the clock source
should feature very low jitter.
MULTIPLE INPUT CLOCKS
The DAC290x-EVM evaluation board can be configured for
multiple input clocks, each driving a CLK or WRT input pin.
This mode would require the user to install J6, J7, J8, R32
through R37, and removal of R22 through R25.
INTERNAL REFERENCE OPERATION
The full-scale output current is set by applying an external
resistor (R15 and R16) between the FAS1 and FAS2 pins of
the DAC290x and ground. The full-scale output current can
be adjusted from 20mA down to 2mA by varying R15 and
R16 or changing the externally applied reference voltage.
The full-scale output current, IOUTFS, is defined as follows:
IOUTFS = 32 • (VREF_IN/RBIAS)
where VREF_IN is the voltage at pin REF_IN and RBIAS is the
resistance of R15 (for DAC1) or R16 (for DAC2). This
voltage is typically +1.25V when using the internally pro-
vided reference voltage source. Two potentiometers (R40
and R41) are provided to allow the user to adjust the center
voltage of the DAC outputs across transformers T1 and T2.
The EVM initial setup is for full-scale output current opera-
tion, with the potentiometers adjusted to provide 0.5V at the
center tap of the transformers.
EXTERNAL REFERENCE OPERATION
The internal reference can be disabled and overridden by an
external reference. Two methods of external reference are
provided by the EVM. The user can provide an external
reference by connecting a voltage source to SMA connector
J13 with Jumper W1 installed between pins 2 and 3. In
addition, a reference circuit has been included on the EVM
to provide a second external reference source. This source is
available by placing Jumper W1 between pins 1 and 2 and
adjusting potentiometer R7 to the desired voltage. The range
of this circuit is from 0V to 1.25V. The specified range for
external reference voltages should never exceed the limits as
specified per the data sheet.
POWER-DOWN MODE
The DAC290x-EVM provides a means of placing the
DAC290x converter into a power-down mode. This mode is
activated by re-configuring Jumper W6 so that it connects
the PD-pin (pin 37) to +VD.
INPUT DATA
The DAC290x-EVM allows the user to input I and Q digital
data to the DAC using J1 and J2. The board provides series
dampening 22
Ω resistors and buffering to minimize digital
ringing and switching noise. The connectors also provide a
path for an input clock. With the EVM set up in the single
clock source mode, the user can provide a clock through J1
or J2 by installing jumper W10 and resistor R21. The 14-bit
input data buses are brought in through two 34-pin headers
as shown in Tables I and II.


Numéro de pièce similaire - DAC290X-EVM

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC2900 BURR-BROWN-DAC2900 Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900 TI1-DAC2900 Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC2900-EVM BURR-BROWN-DAC2900-EVM Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
DAC2900Y/1K BURR-BROWN-DAC2900Y/1K Datasheet
416Kb / 17P
   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC2900Y/1K TI1-DAC2900Y/1K Datasheet
746Kb / 21P
[Old version datasheet]   Dual, 10-Bit, 125MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Description similaire - DAC290X-EVM

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
UG-018 AD-UG-018 Datasheet
321Kb / 4P
   Evaluation Board for Dual High Speed Differential Amplifiers
REV. A
logo
Silicon Laboratories
SI3225PPT-EVB SILABS-SI3225PPT-EVB Datasheet
693Kb / 16P
   EVALUATION BOARD FOR THE Si3225 DUAL PROSLIC
SI3220PPT-EVB SILABS-SI3220PPT-EVB Datasheet
777Kb / 16P
   EVALUATION BOARD FOR THE Si3220 DUAL PROSLIC
SI3232PPT0-EVB SILABS-SI3232PPT0-EVB Datasheet
1,017Kb / 18P
   EVALUATION BOARD FOR THE Si3232 DUAL PROSLIC
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
Analog Devices
UG-127 AD-UG-127 Datasheet
452Kb / 8P
   Evaluation Board for High Speed Op Amps
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com