Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS05-15B15SS Fiches technique(PDF) 1 Page - MORNSUN Science& Technology Ltd.

No de pièce LS05-15B15SS
Description  AC/DC converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS05-15B15SS Fiches technique(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LS05-15B15SS Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS05-15B15SS Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS05-15B15SS Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS05-15B15SS Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS05-15B15SS Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AC/DC Converter
LS05-15BXXSS Series
2014.04.14-A/0
Page 1 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
5W,AC/DC converter
RoHS
FEATURES
Wide input voltage range: 85~264VAC/100~400VDC
Over current protection and short circuit protection
High efficiency, high safety isolation 3000VAC
Urtal-slim SIP package
Industrial grade
Meet IEC60950, UL60950 and EN60950 standards
UL60950, EN60950 approval
3 years of quality assurance
LS05-15BXXSS series is a high efficiency green power modules provided by Mornsun. The features of this series are: Accept either AC or DC
input, wide input voltage, high efficiency, low loss, safety isolation etc. All models are particularly suitable for the applications such as
industrial, electric power, instrumentation, smart home which do not have high requirement on EMC.EMC application circuit must be added
if the products need to be applied to EMC harsh environment .
Selection Guide
Certification
Model
Output Power
Nominal Output Voltage
and Current(Vo/Io)
Efficiency
(230VAC,%/Typ.)
Max. Capacitive Load
(uF)
UL/CE
LS05-15B03SS
3.3W
3.3V/1A
67
2200
LS05-15B05SS
5W
5V/1A
74
1500
LS05-15B09SS
9V/0.56A
75
680
LS05-15B12SS
12V/0.42A
76
470
LS05-15B15SS
15V/0.34A
77
330
LS05-15B24SS
24V/0.21A
79
100
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
Conventional
100
--
240
VAC
AC input
85
--
264
DC input
100
--
400
VDC
Input frequency
47
--
63
Hz
Input current
115VAC
--
--
0.2
A
230VAC
--
--
0.1
Inrush current
115VAC
--
5
--
230VAC
--
10
--
leakage Current
CY0 is 1nF/400VAC
--
--
0.25
mA
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
LS05-15B03SS
--
±2
±3
%
LS05-15B05/09/12/15/24SS
--
±1
±2
Line Regulation
Full load
--
±0.1
±0.5
Load Regulation
10%-100% load
--
±1
±1.5
Output Ripple & Noise*
20MHz bandwidth (peak-peak value)
--
50
150
mV
Temperature Drift Coefficient
--
±0.02
--
%/°C
Stand-by Power Consumption
--
--
0.5
W
Short Circuit Protection
Continuous, self-recovery
Over-current Protection
≥110%Io self-recovery
Over-voltage Protection
Zener clamp diode
Min. Load
0--
--
%


Numéro de pièce similaire - LS05-15B15SS

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
LS05-15B15S MORNSUN-LS05-15B15S Datasheet
918Kb / 5P
   5W,AC-DC CONVERTER
More results

Description similaire - LS05-15B15SS

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com