Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS03-05B05S-FPT Fiches technique(PDF) 2 Page - MORNSUN Science& Technology Ltd.

No de pièce LS03-05B05S-FPT
Description  HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS03-05B05S-FPT Fiches technique(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LS03-05B05S-FPT Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS03-05B05S-FPT Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS03-05B05S-FPT Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS03-05B05S-FPT Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LS03-05B05S-FPT
2013.04.28-A/0
Page 2 of 4
EMC SPECIFICATIONS
CE
CISPR22/EN55022
CLASS B (Recommended Circuit Refer to Figure 3)
EMI
RE
CISPR22/EN55022
CLASS B (Recommended Circuit Refer to Figure 3)
ESD
IEC/EN61000-4-2
Contact
±2KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
(Recommended Circuit Refer to Figure 3)
perf. Criteria A
IEC/EN61000-4-4
±2KV (Typical Application Circuit Refer to Figure1)
perf. Criteria B
EFT
IEC/EN61000-4-4
±4KV
(Recommended Circuit Refer to Figure 3)
perf. Criteria B
Surge
IEC/EN61000-4-5
±2KV/±4KV (Recommended Circuit Refer to Figure 3)
perf. Criteria B
CS
IEC/EN61000-4-6
10 Vr.m.s
perf. Criteria A
PFM
IEC/EN61000-4-8
10A/m
perf. Criteria A
EMC
EMS
Voltage dips, short and
interruptions immunity
IEC/EN61000-4-29
0%-70%
perf. Criteria B
RIPPLE AND NOISE MEASURE FIGURE RIPPLE
2 5 . 4mm
2 5 . 4mm
FUSE
1 2 . 7mm
Copper sheet
Connect Oscillograph Probe
Load
Note: C1: 1
µF (Ceramic capacitor) C2: 10µF (Electrolytic capacitor)
PRODUCT TYPICAL CURVE
40
100
60
80
-20
55
85
-40
I nput voltage:1 00 ~
3 4 0 V DC
1 10 ~240VAC
Amb ie nt Te m.()
Te mp era tu re De ratin g Graph
Note: W hen input 85~110VAC /240~264VAC, it need to be voltage derated on
basis of temperature derating.
100
340
4 00
1 00
60
80
70
VDC
110
240
2 64
85
VAC
Input Voltage Derating Graph
I nput voltagev
()
Ambient temperature:25℃
AC input efficiency cure
40
45
50
55
60
65
70
75
80
85
10
20
30
40
50
60
70
80
90 100
Load (%)
85VAC input
110VAC input
120VAC input
220VAC input
230VAC input
240VAC input
264VAC input
DC input efficiency cure
40
45
50
55
60
65
70
75
80
85
10
20
30
40
50
60
70
80
90
100
Load(%)
100VDC input
200VDC input
300VDC input
400VDC input
AC input rated load efficiency curve
60
62
64
66
68
70
72
74
76
78
80
85
110
120
220
240
264
Input Voltage(VDC)
LS03-05B05S-FPT
DC input rated load efficiency curve
60
62
64
66
68
70
72
74
76
78
80
100
150
200
250
300
400
Input Voltage(VDC)
LS03-05B05S-FPT


Numéro de pièce similaire - LS03-05B05S-FPT

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
LS03-05B05S MORNSUN-LS03-05B05S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
LS03-05B05SC MORNSUN-LS03-05B05SC Datasheet
381Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
More results

Description similaire - LS03-05B05S-FPT

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
LS03-05BY7S MORNSUN-LS03-05BY7S Datasheet
311Kb / 3P
   HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-15B05SR2 MORNSUN-LS03-15B05SR2 Datasheet
880Kb / 5P
   AC-DC(HIGH VOLTAGE DC-DC) CONVERTER
LS03-05B03SC MORNSUN-LS03-05B03SC Datasheet
381Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B03S MORNSUN-LS03-05B03S Datasheet
887Kb / 5P
   3W, AC-DC (High Voltage DC-DC) CONVERTER
LS03-05B05K MORNSUN-LS03-05B05K Datasheet
392Kb / 4P
   3W,HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
LS03-05B05KC MORNSUN-LS03-05B05KC Datasheet
403Kb / 4P
   3W, HIGH VOLTAGE DC-DC(AC-DC) CONVERTER
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
AME5-VZ AIMTEC-AME5-VZ Datasheet
587Kb / 3P
   AC-DC / DC-DC Converter
AME25-CVZ AIMTEC-AME25-CVZ Datasheet
655Kb / 6P
   AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com