Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2461 Fiches technique(PDF) 5 Page - NEC

No de pièce 2SK2461
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SK2461 Fiches technique(HTML) 5 Page - NEC

  2SK2461 Datasheet HTML 1Page - NEC 2SK2461 Datasheet HTML 2Page - NEC 2SK2461 Datasheet HTML 3Page - NEC 2SK2461 Datasheet HTML 4Page - NEC 2SK2461 Datasheet HTML 5Page - NEC 2SK2461 Datasheet HTML 6Page - NEC 2SK2461 Datasheet HTML 7Page - NEC 2SK2461 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SK2461
5
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
VSD - Source to Drain Voltage - V
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
ID - Drain Current - A
1.0
0.1
0
–50
40
80
120
0
50
100
150
ID = 10 A
1
0
10
100
1000
1.0
Pulsed
10
1
100
1 000
10 000
10
100
1 000
VGS = 0
f = 1 MHz
10
100
1 000
1.0
10
100
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
ID - Drain Current - A
di/dt = 50 A/ s
VGS = 0
10
0.1
100
1 000
10 000
1.0
10
100
2.0
3.0
160
VDD = 50 V
VGS =10 V
RG =10
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
Qg - Gate Charge - nC
0
20
40
60
80
20
40
60
80
VDD = 80 V
ID = 20 A
2
4
6
8
10
12
14
16
VGS = 4 V
VGS = 10 V
4 V
VGS = 0
Crss
Coss
Ciss
tr
td(on)
tf
td(off)
VGS
VDS
0
µ


Numéro de pièce similaire - 2SK2461

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SK2461 ISC-2SK2461 Datasheet
258Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
2SK2461 VBSEMI-2SK2461 Datasheet
773Kb / 6P
   N-Channel 100-V (D-S) MOSFET
logo
Renesas Technology Corp
2SK2461 RENESAS-2SK2461 Datasheet
218Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1995
More results

Description similaire - 2SK2461

FabricantNo de pièceFiches techniqueDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com