Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LD05-23B09 Datasheet(Fiches technique) 2 Page - MORNSUN Science& Technology Ltd.

Numéro de pièce LD05-23B09
Description  AC/DC Converter
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD05-23B09 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  LD05-23B09 Datenblatt HTML 1Page - MORNSUN Science& Technology Ltd. LD05-23B09 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD05-23B09 Datenblatt HTML 3Page - MORNSUN Science& Technology Ltd. LD05-23B09 Datenblatt HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AC/DC Converter
LD05-23BXX Series
2014.03.31-A/1
Page 2 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Over-voltage Protection
TVS clamp
Min. Load
1--
--
%
Hold-up Time
110VAC input
--
12
--
ms
230VAC input
--
80
--
Note: * Ripple and noise tested with “parallel cable” method, please see
AC-DC Converter Application Notes for specific operation methods.
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output
Test time: 1min
4000
--
--
VAC
Operating Temperature
-25
--
+70
°C
Storage Temperature
-25
--
+105
Casing Temperature
--
--
+95
Storage Humidity
--
--
95
%RH
Welding Temperature
Wave-soldering
260±5℃; time:5~10s
Manual-welding
360±10℃; time:3~5s
Switching Frequency
--
100
--
kHz
Power Derating
+55°Cto +70°C
2--
--
%/°C
-25°Cto 0°C
2--
--
Safety Standard
IEC60950/EN60950/UL60950
Safety-regulated Certification
IEC60950/EN60950/UL60950
Safety Class
CLASS I I
Hot Plug
Unavailable
MTBF
MIL-HDBK-217F@25°C >300,000 h
Physical Specifications
Casing Material
Black flame-retardant and heat-resistant plastic (UL94-V0)
Package Dimensions
50.80*25.40*15.16 mm
Weight
32 g(Typ.)
Cooling method
Free air convection
EMC Specifications
EMI
Conducted Disturbance
CISPR22/EN55022, CLASS B (Without External Circuit )
Radiated Emission
CISPR22/EN55022, CLASS B (Without External Circuit )
EMS
Electrostatic Discharge
IEC/EN61000-4-2
±6KV/8KV
Perf. Criteria B
Radiation Immunity
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV (Without External Circuit )
perf. Criteria B
IEC/EN61000-4-4
±4KV (See Fig. 3 for recommended circuit)
perf. Criteria B
Surge Immunity
IEC/EN61000-4-5
±1KV (Without External Circuit )
perf. Criteria B
IEC/EN61000-4-5
±2KV/4KV (See Fig. 3 for recommended circuit)
perf. Criteria B
Conducted Disturbance immunity
IEC/EN61000-4-6
10 Vr.m.s
perf. Criteria A
Immunity for Power frequency
magnetic field
IEC/EN61000-4-8
10A/m
perf. Criteria A
Immunities of voltage dip, drop
and short interruption
IEC/EN61000-4-11
0%-70%
perf. Criteria B


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn