Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB05-10B09LT Fiches technique(PDF) 3 Page - MORNSUN Science& Technology Ltd.

No de pièce LB05-10B09LT
Description  AC/DC Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB05-10B09LT Fiches technique(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LB05-10B09LT Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LB05-10B09LT Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB05-10B09LT Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB05-10B09LT Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB05-10B09LT Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB05-10B09LT Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LB05-10B09LT Datasheet HTML 7Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AC/DC Converter
LB(05-25)-10BxxLT Series
2014.06.23-A/0
Page 3 of 7
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output
Test time: 1min
3000
--
--
VAC
Operating Temperature
-40
--
+70
Storage Temperature
-40
--
+105
Storage Humidity
--
--
95
%RH
Welding Temperature
Wave-soldering
260±5℃; time:5~10s
Manual-welding
360±10℃; time:3~5s
Switching Frequency
LB05 models
--
66
132
kHz
LB10 models
--
100
--
LB15/LB20/LB25 models
--
65
--
Power Derating
-40℃ to -10℃
2--
--
%/℃
50℃ to +70℃(LB25-10BxxLT series)
3--
--
55℃ to +70℃(Others)
4--
--
Safety Standard
IEC60950/EN60950/UL60950
Safety-regulated Certification
EN60950/UL60950(pending)
Safety Class
LB15-10BxxLT
CLASS II
Others
CLASS I
Hot Plug
Unavailable
MTBF
MIL-HDBK-217F@25℃ > 300,000 h
Physical Specifications
Casing Material
Black flame-retardant and heat-resistant plastic (UL94-V0)
Package Dimensions
Refer to the Dimensions
Weight
Refer to the Dimensions
Cooling method
Free air convection
EMC Specifications
EMI
Conducted Disturbance
CISPR22/EN55022, CLASS B
Radiated Emission
CISPR22/EN55022, CLASS B
EMS
Electrostatic Discharge
IEC/EN61000-4-2
±6KV/±8KV
Perf. Criteria B
Radiation Immunity
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV
perf. Criteria B
IEC/EN61000-4-4
±4KV (See Fig. 2 for recommended circuit)
perf. Criteria B
Surge Immunity
IEC/EN61000-4-5 ±1KV/±2KV
perf. Criteria B
IEC/EN61000-4-5 ±2KV/±4KV (See Fig. 2 for recommended circuit)
perf. Criteria B
Conducted Disturbance
immunity
IEC/EN61000-4-6
10 Vr.m.s
perf. Criteria A
Immunity for Power
frequency magnetic field
IEC/EN61000-4-8
10A/m
perf. Criteria A
Immunities of voltage dip,
drop and short interruption
IEC/EN61000-4-11
0%-70%
perf. Criteria B


Numéro de pièce similaire - LB05-10B09LT

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
LB05-10B09 MORNSUN-LB05-10B09 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB05-10B09 MORNSUN-LB05-10B09 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
More results

Description similaire - LB05-10B09LT

FabricantNo de pièceFiches techniqueDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com