Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H0515RN-2W Fiches technique(PDF) 3 Page - MORNSUN Science& Technology Ltd.

No de pièce H0515RN-2W
Description  SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

H0515RN-2W Fiches technique(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  H0515RN-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. H0515RN-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. H0515RN-2W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
H_RN-2W & H_LT-2W
C/0-2012
Page 3 of 3
OUTLINE DIMENSIONS & PIN CONNECTIONS
1.00
[0.039]
±0.20
±0.008
8. 40[ 0.331]
2 2.60[ 0.890]
MAX18.00[0.709]
15.53[0.611]
1.02[0.040]
0.50[0.020]
1
78
17.78[0.700]
23.86
[0.939]
±0.20
±0.008
2.54[0.100]
9
16
10
1
78
1.20
[0.047]
±0.20
±0.008
1
7
8
9
17.78[0.700]
23.86[0.939]
2.54[0.100]
16
109
16
10
9
10
16
1
78
9
10
16
17.78
[0.700]
±0.35
±0.014
MAX3.34[0.131]
0.91
[0.045]
±0.20
±0.008
17.78
[0.700]
±0.35
±0.700
0.50
[0.020]
±0.10
±0.004
MAX3.34[0.135]
A
18.10
[0.713]
±0.40
±0.016
1.34
[0.053]
2.20
[0.087]
±0.20
±0.008
A
0~5
17.78[0.700]
17.78[0.700]
2.54[0.100]
0.10[0.004]
H_RN
W Series
- 2
H_LT
W
- 2
Series
()
Front View
()
Front View
()
Top View
()
Side View
()
Side View
1
7
8
9
10
16
GND
NC
NC
+Vo
0V
Vin
FOO TPR IN T D ETAILS
Pin
Function
Note:
Unit:
Pin section tolerances:
General tolerances:
±±
]
±±
mm[inch]
0.10mm[
0.004inch
0.25mm[
0.010inch]
NC:No connection
1
7
8
9
10
16
GND
NC
NC
+Vo
0V
Vin
F OOTP RINT DETAILS
Pin
Function
Note:
Unit:
General toler ances:±±
mm[inch]
0.50mm[
0.020inch]
L=530mm[20.866inch]
uantity:21pcs
L=220mm[8.661inch]
uantity: 8pcs
Tube Q
Tube Q
Short tube inner packaging dimensions: L*W*H=255*170*80mm;
Short tube outer packaging dimensions(with six inner packaging boxes):
L*W*H=375*280*270mm;
Long tube inner packaging dimensions: L*W*H=580*200*100mm;
Long tube outer packaging dimensions(with two inner packaging boxes)
L*W*H=600*215*220mm;
Long tube outer packaging dimensions(with three inner packaging boxes)
L*W*H=600*215*325mm.
TUBE OUTLINE DIMENSIONS
H_RN
W
- 2
Series
H_LT
W
- 2
Series
RECOMMENDED FOOTPRINT
M E CH A NIC AL D IM E NS IO NS
Note: grid 2.54*2.54mm.
()
Top View
0. 50[ 0. 02 0]
2 .0 0[ 0. 07 9]
4. 00 [0 .1 57]
14 .0 0[ 0. 55 1]
1 8. 42 [0 .7 25]
1 .5 0[ 0. 05 9]
1 .7 0[ 0. 06 7]
2 8. 00 [1 .1 02]
2.0 0[ 0. 07 9]
1.5 0[ 0. 05 9]
9 .7 0[ 0. 38 2]
13 .0 0[ 0. 51 2]
21 .5 0[ 0. 84 6]
4 4. 80 [1 .7 64]
10 0. 00 [3 .9 37]
TAPING RE EL DIMENSIONS
Note:
Unit:mm [inch]
General Tolerances:
±0.50mm [±0.020inch]
Per reel of packing quantity:200PCS
Innerpackage cartondimensions:L*W*H=365*350*105mm
Outerpackagecartondimensions:L*W*H=390*360*245mm
Tube Quantity:400pcs
Tube Quantity:800pcs
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed, and that will reduce the life of
product.
2. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
3. Only typical models listed, other models may be different, please contact our technical person for more details.
4. In this datasheet, all the test methods of indications are based on corporate standards.


Numéro de pièce similaire - H0515RN-2W

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
H0515RN-2W MORNSUN-H0515RN-2W Datasheet
99Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
logo
Crystek Corporation
H0515RN-2W CRYSTEKCRYSTAL-H0515RN-2W Datasheet
314Kb / 3P
   2W, FIXED INPUT,6000V ISOLATED & UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
More results

Description similaire - H0515RN-2W

FabricantNo de pièceFiches techniqueDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
IB0505LD-W75 MORNSUN-IB0505LD-W75 Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com