Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC101C027 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADC101C027
Description  I2C-Compatible, 10-Bit Analog-to-Digital Converter (ADC) with Alert Function
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC101C027 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button ADC101C027 Datasheet HTML 5Page - Texas Instruments ADC101C027 Datasheet HTML 6Page - Texas Instruments ADC101C027 Datasheet HTML 7Page - Texas Instruments ADC101C027 Datasheet HTML 8Page - Texas Instruments ADC101C027 Datasheet HTML 9Page - Texas Instruments ADC101C027 Datasheet HTML 10Page - Texas Instruments ADC101C027 Datasheet HTML 11Page - Texas Instruments ADC101C027 Datasheet HTML 12Page - Texas Instruments ADC101C027 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
ADC101C021, ADC101C027
www.ti.com
SNAS446D – FEBRUARY 2008 – REVISED FEBRUARY 2013
A.C. and Timing Characteristics (continued)
The following specifications apply for VA = +2.7V to +5.5V. Boldface limits apply for TMIN ≤ TA ≤ TMAX and all other limits are
at TA = 25°C, unless otherwise specified.
Typical
Limits
Units
Symbol
Parameter
Conditions (1)
(2)
(2) (1)
(Limits)
Standard Mode
4.0
us (min)
tSU;STO
Setup time for a stop condition
Fast Mode
0.6
us (min)
High Speed Mode
160
ns (min)
Standard Mode
1000
ns (max)
20+0.1Cb
ns (min)
Fast Mode
300
ns (max)
trDA
Rise time of SDA signal
10
ns (min)
High Speed Mode, Cb = 100pF
80
ns (max)
20
ns (min)
High Speed Mode, Cb = 400pF
160
ns (max)
Standard Mode
250
ns (max)
20+0.1Cb
ns (min)
Fast Mode
250
ns (max)
tfDA
Fall time of SDA signal
10
ns (min)
High Speed Mode, Cb = 100pF
80
ns (max)
20
ns (min)
High Speed Mode, Cb = 400pF
160
ns (max)
Standard Mode
1000
ns (max)
20+0.1Cb
ns (min)
Fast Mode
300
ns (max)
trCL
Rise time of SCL signal
10
ns (min)
High Speed Mode, Cb = 100pF
40
ns (max)
20
ns (min)
High Speed Mode, Cb = 400pF
80
ns (max)
Standard Mode
1000
ns (max)
20+0.1Cb
ns (min)
Fast Mode
300
ns (max)
Rise time of SCL signal after a
trCL1
repeated start condition and after an
10
ns (min)
High Speed Mode, Cb = 100pF
acknowledge bit.
80
ns (max)
20
ns (min)
High Speed Mode, Cb = 400pF
160
ns (max)
Standard Mode
300
ns (max)
20+0.1Cb
ns (min)
Fast Mode
300
ns (max)
tfCL
Fall time of a SCL signal
10
ns (min)
High Speed Mode, Cb = 100pF
40
ns (max)
20
ns (min)
High Speed Mode, Cb = 400pF
80
ns (max)
Capacitive load for each bus line (SCL
Cb
400
pF (max)
and SDA)
Pulse Width of spike suppressed
Fast Mode
50
ns (max)
tSP
(4)
High Speed Mode
10
ns (max)
(4)
Spike suppression filtering on SCL and SDA will suppress spikes that are less than 50ns for standard and fast modes, and less than
10ns for hs-mode.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC101C021 ADC101C027


Numéro de pièce similaire - ADC101C027

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC101C027 NSC-ADC101C027 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC101C027 TI-ADC101C027 Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
ADC101C027 TI1-ADC101C027 Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
ADC101C027CIMK/NOPB TI1-ADC101C027CIMK/NOPB Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
ADC101C027CIMKX/NOPB TI1-ADC101C027CIMKX/NOPB Datasheet
1Mb / 44P
[Old version datasheet]   10-Bit Analog-to-Digital Converter
More results

Description similaire - ADC101C027

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC121C021 NSC-ADC121C021 Datasheet
747Kb / 30P
   I2C-Compatible, 12-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC121C021 TI1-ADC121C021_14 Datasheet
1Mb / 44P
[Old version datasheet]   I2C-Compatible, 12-Bit Analog-to-Digital Converter with Alert Function
logo
National Semiconductor ...
ADC081C027CIMK NSC-ADC081C027CIMK Datasheet
775Kb / 32P
   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter (ADC) with Alert Function
logo
Texas Instruments
ADC081C021 TI1-ADC081C021_14 Datasheet
1Mb / 42P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert Function
ADC121C021 TI1-ADC121C021_15 Datasheet
1Mb / 44P
[Old version datasheet]   12-Bit Analog-to-Digital Converter with Alert Function
ADC081C027CIMK TI-ADC081C027CIMK Datasheet
1Mb / 41P
[Old version datasheet]   ADC081C021/ADC081C027 I2C-Compatible, 8-Bit Analog-to-Digital Converter with Alert
logo
National Semiconductor ...
DAC101C081CIMK NSC-DAC101C081CIMK Datasheet
661Kb / 24P
   10-Bit Micro Power Digital-to-Analog Converter with an I2C-Compatible Interface
logo
Texas Instruments
DAC101C081 TI1-DAC101C081_16 Datasheet
1Mb / 40P
[Old version datasheet]   DAC101C08xx 10-Bit Micro Power Digital-to-Analog Converter With an I2C-Compatible Interface
logo
Microchip Technology
PIC16F18345 MICROCHIP-PIC16F18345 Datasheet
1Mb / 2P
   17 channel 10-bit Analog-to-Digital Converter (ADC)
10/15
logo
NXP Semiconductors
TDA8765 PHILIPS-TDA8765 Datasheet
138Kb / 20P
   10-bit high-speed Analog-to-Digital Converter ADC
1999 Jan 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com