Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST60-36PR Datasheet(Fiches technique) 1 Page - List of Unclassifed Manufacturers

Numéro de pièce ST60-36PR
Description  Interface Connectors for Miniature, Portable Terminal Devices
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ST60-36PR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ST60-36PR Datasheet HTML 1Page - List of Unclassifed Manufacturers ST60-36PR Datenblatt HTML 2Page - List of Unclassifed Manufacturers ST60-36PR Datenblatt HTML 3Page - List of Unclassifed Manufacturers ST60-36PR Datenblatt HTML 4Page - List of Unclassifed Manufacturers ST60-36PR Datenblatt HTML 5Page - List of Unclassifed Manufacturers ST60-36PR Datenblatt HTML 6Page - List of Unclassifed Manufacturers ST60-36PR Datenblatt HTML 7Page - List of Unclassifed Manufacturers ST60-36PR Datenblatt HTML 8Page - List of Unclassifed Manufacturers ST60-36PR Datenblatt HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Right
Left
Mating direction
49N max.
Top
Bottom
Polarization keys
Contacts are not damaged!
Standard plug
Identification surface
Identification surface
Reverse plug
Interface Connectors for Miniature, Portable Terminal Devices
ST Series
2008.4w
Strong locking mechanism
Prevention against reversed or angle insertion
Plug variations
?Overview
Developed as external input/output connectors for the
portable and mobile devices used in consumer markets. As
such, the connectors incorporate features required to assure
reliable electrical and mechanical performance under
extreme and unpredictable conditions.
?Features
1. Strong locking mechanism
To assure continuous reliability of the connection in an
unpredictable consumer environment, mated connectors
will withstand pull force of 49N max. applied in any
direction.
2. Prevention against reversed or angle insertion
Multiple polarization keys will not allow incorrect insertion
of the mating plug.
In addition, contacts will not be damaged when the user
attempts to insert only the corner of the mating plug.
3. Small size and low profile
Contact pitch of 0.5 mm and utilization of state-of-the-art
manufacturing technologies has produced receptacle
height of 3 mm above the board and maximum thickness
of the plug of only 7 mm.
4. EMI protection
Built-in ground continuity features and EMI shielding
assure interference free performance.
5. Wide variety of contact positions and
mounting styles
Standard, reverse, vertical and cradle mountings, as well
as utilization of variety of cables and conductors assure
application of this connector in diversified applications.
?Applications
Digital Still Cameras, Personal Digital Assistance,
Notebook computers, Cellular phones, Portable readers,
Mobile recorders and any mobile or portable device
requiring high reliability small size input/output
connection.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn