Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST60-36PR Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce ST60-36PR
Description  Interface Connectors for Miniature, Portable Terminal Devices
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ST60-36PR Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ST60-36PR Datasheet HTML 3Page - List of Unclassifed Manufacturers ST60-36PR Datasheet HTML 4Page - List of Unclassifed Manufacturers ST60-36PR Datasheet HTML 5Page - List of Unclassifed Manufacturers ST60-36PR Datasheet HTML 6Page - List of Unclassifed Manufacturers ST60-36PR Datasheet HTML 7Page - List of Unclassifed Manufacturers ST60-36PR Datasheet HTML 8Page - List of Unclassifed Manufacturers ST60-36PR Datasheet HTML 9Page - List of Unclassifed Manufacturers ST60-36PR Datasheet HTML 10Page - List of Unclassifed Manufacturers ST60-36PR Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
ST Series
Interface Connectors for Miniature, Portable Terminal Devices
16
18
screw(2)
Catch / release button(2)
16
No.1
No.10
7
■Plug
● 10 pos. (Non-shielded type, for 4mm max. cable diameter)
Part Number
CL No.
RoHS
ST40-10S-CV(80)
CL241-0021-2-80
YES
7
16
18
16
No.1
No.10
Catch / release button(2)
16
16
18
7
No.1
No.10
screw(2)
Catch / release button(2)
● 10 pos. (Reverse, non-shielded type, for 4mm max. cable diameter)
● 10 pos. (Shielded type, for 4mm max. cable diameter)
16
16
7
No.1
No.10
Catch / release button(2)
18
● 10 pos. (Reverse, shielded type, for 4mm max. cable diameter)
Part Number
CL No.
RoHS
ST40-10S-CVR(80)
CL241-0040-7-80
YES
Part Number
CL No.
RoHS
ST40X-10S-CV(80)
CL241-0041-0-80
YES
Part Number
CL No.
RoHS
ST40X-10S-CVR(80)
CL241-0029-4-80
YES
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Numéro de pièce similaire - ST60-36PR

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
ST60-36PR HIROSE-ST60-36PR Datasheet
862Kb / 10P
   Interface Connectors for Miniature, Portable Terminal Devices
More results

Description similaire - ST60-36PR

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
ST60-10P HIROSE-ST60-10P Datasheet
862Kb / 10P
   Interface Connectors for Miniature, Portable Terminal Devices
C4650 HIROSE-C4650 Datasheet
612Kb / 11P
   Interface Connectors for Miniature, Portable Terminal Devices
ST60-18P4 HIROSE-ST60-18P4 Datasheet
608Kb / 11P
   Interface Connectors for Miniature, Portable Terminal Devices
logo
Renesas Technology Corp
9TCS1082 RENESAS-9TCS1082 Datasheet
745Kb / 29P
   FOR PORTABLE DEVICES
REV 0.5 102011
logo
List of Unclassifed Man...
ANT-458-SP ETC2-ANT-458-SP Datasheet
304Kb / 1P
   Perfect for compact portable devices
logo
Hirose Electric
MQ172X-3PA HIROSE-MQ172X-3PA_1 Datasheet
308Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
MQ172 HIROSE-MQ172 Datasheet
302Kb / 8P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
logo
ON Semiconductor
B300 ONSEMI-B300 Datasheet
425Kb / 28P
   Audio Processor for Portable Communication Devices
September, 2019 ??Rev. 11
logo
Hirose Electric
MQ172-3SA-CV HIROSE-MQ172-3SA-CV Datasheet
372Kb / 7P
   Micro-Miniature Interface Connectors For Power Supply/Signaling
logo
ON Semiconductor
B300W35A109XXG ONSEMI-B300W35A109XXG Datasheet
467Kb / 31P
   Audio Processor for Portable Communication Devices
February, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com