Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC-E03D Fiches technique(PDF) 2 Page - MORNSUN Science& Technology Ltd.

No de pièce FC-E03D
Description  FC-C01D
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

FC-E03D Fiches technique(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  FC-E03D Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. FC-E03D Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. FC-E03D Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. FC-E03D Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. FC-E03D Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. FC-E03D Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
FC-D/E03D
2013.05.06-A/0
Page 2 of 6
Withstand voltage
+Vin~
, -Vin~
, leakage current<5mA
--
--
500
VAC
MTBF
MIL-HDBK-217F@40℃
--
1000
--
K hours
Case Material
--
Plastic(UL94-V0)
PCB mounting
53.8x28.8x19.00
A2S Chassis mounting
76.0x31.5x27.80
Size
FC-D03D & FC-E03D
A4S DIN-Rail mounting
76.0x31.5x32.40
mm
PCB mounting
50
A2S Chassis mounting
70
Weight
FC-D03D & FC-E03D
A4S DIN-Rail mounting
90
g
Note: All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
SAFE & EMC
Item
Test Conditions
Test Procedure
Shake
10 cycles in each axis
Test time in each axis: 3 minute
Frequency: 10-60Hz
amplitude: 0.7mm
Frequency: 60-2000Hz
acceleration: 10g
IEC 68-2-6
Impact
3 shocks in each axis
Peak acceleration: 100g
Duration: 6ms
IEC 68-2-27
CE
150KHz-30MHz Class B (With MORNSUN
’s Module)
CISPR22 , EN55022, GB9254
EMI
RE
30MHz-1GHz
Class B (With MORNSUN
’s Module)
CISPR22, EN55022, GB9254
ESD
Air
±8KV Contact ±6KV perf. Criteria B
IEC/EN61000-4-2, GB/T17626.2
EFT
±4kv perf. Criteria B
IEC/EN61000-4-4, GB/T17626.4
EN50155, RIA12, GB/T25119-2010
Surge
±2KV(1.2µs/50µs 2Ω)/±4KV(1.2µs/50µs 12Ω) perf. Criteria B
IEC/EN61000-4-5, GB/T17626.5
EN50155, RIA12, GB/T25119-2010
RS
10V/m perf. Criteria A (With MORNSUN
’s Module)
IEC/EN61000-4-3, GB/T17626.3
EMS
CS
10V
perf. Criteria A (With MORNSUN
’s Module)
IEC/EN61000-4-6, GB/T17626.6
TYPICAL APPLY CIRCUIT
+ V in
-V in
FC-D/ E03D
DC-DC
CONVERTER
+ Vo
0V
+ Vo
- Vo
F U SE
+
C1
FUSE: Due to the difference of the power module input current, the fuse of the recommended values, please refer to the Technical Manual for the
power module.
C1: The following results are measured in the C1 selection under the condition of 1000uF, C1 increased properly, can enhance the anti-jamming of
voltage dips, short interruptions and voltage variations.
+Vin
-Vin
FC-D/E03D
DC-DC
CONVERTER
+Vo
0V
+Vo
-Vo
FUSE
+
C1
+Vin
-Vin
FC-D/E03D
DC-DC
CONVERTER
+Vo
0V
+Vo
-Vo
F USE
+
C1
These applications is not supported for this model.
EMC SPECIFICATIONS
①Surge Test Result
nput voltage waveform (Differential mode 2KV)
FC-E03D Output voltage waveform


Numéro de pièce similaire - FC-E03D

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
FC-E03D MORNSUN-FC-E03D Datasheet
1Mb / 6P
   EMC Filter
More results

Description similaire - FC-E03D

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE300013-5 PASTERNACK-PE300013-5 Datasheet
251Kb / 1P
   CABLE ASSEMBLY FC TO FC SIMPLEX MULTIMODE
PE300418-2 PASTERNACK-PE300418-2 Datasheet
103Kb / 1P
   CABLE ASSEMBLY FC APC TO FC APC
PE300013 PASTERNACK-PE300013 Datasheet
251Kb / 1P
   CABLE ASSEMBLY FC TO FC SIMPLEX MULTIMODE
PE300012-3 PASTERNACK-PE300012-3 Datasheet
253Kb / 1P
   CABLE ASSEMBLY, FC TO FC SIMPLEX, SINGLE MODE
PE300013-1 PASTERNACK-PE300013-1 Datasheet
280Kb / 1P
   CABLE ASSEMBLY, FC TO FC SIMPLEX MULTI MODE
PE900040 PASTERNACK-PE900040 Datasheet
93Kb / 1P
   FC APC SIMPLEX TO FC APC SIMPLEX BULKHEAD
PE300019 PASTERNACK-PE300019 Datasheet
256Kb / 1P
   CABLE ASSEMBLY FC TO FC DUPLEX MULTI MODE
PE300012-1 PASTERNACK-PE300012-1 Datasheet
253Kb / 1P
   CABLE ASSEMBLY FC TO FC SIMPLEX SINGLE MODE
PE300012-5 PASTERNACK-PE300012-5 Datasheet
253Kb / 1P
   CABLE ASSEMBLY FC TO FC SIMPLEX SINGLE MODE
PE300013-3 PASTERNACK-PE300013-3 Datasheet
251Kb / 1P
   CABLE ASSEMBLY, FC TO FC SIMPLEX MULTI MODE
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com