Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FC-AX3D Fiches technique(PDF) 2 Page - MORNSUN Science& Technology Ltd.

No de pièce FC-AX3D
Description  EMC Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MORNSUN [MORNSUN Science& Technology Ltd.]
Site Internet  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

FC-AX3D Fiches technique(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  FC-AX3D Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. FC-AX3D Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. FC-AX3D Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. FC-AX3D Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
FC-AX3D&FC-B02D
2013.08.06-A/0
Page 2 of4
Withstand voltage
+Vin~
, -Vin~
, leakage current<5mA
--
--
500
VAC
MTBF
MIL-HDBK-217F@40℃
--
1000
--
K hours
Case Material
--
Plastic (UL94-V0)
Size
FC-AX3D & FC-B02D
PCB mounting
53.8x28.8x19.00
mm
A2S Chassis mounting
76.0x31.5x27.80
A4S DIN-Rail mounting
76.0x31.5x32.40
Weight
FC-AX3D & FC-B02D
PCB mounting
50
g
A2S Chassis mounting
70
A4S DIN-Rail mounting
90
Note: All specifications measured at Ta=25
°C, humidity<75%,unless otherwise specified.
SAFE & EMC
Item
Test Conditions
Test Procedure
Shake
10 cycles in each axis
Test time in each axis: 3 minute
Frequency: 10-60Hz
amplitude: 0.7mm
Frequency: 60-2000Hz
acceleration: 10g
IEC 68-2-6
Impact
3 shocks in each axis
Peak acceleration: 100g
Duration: 6ms
IEC 68-2-27
EMI
CE
150KHz-30MHz Class B (With MORNSUN
’s Module)
CISPR22 , EN55022, GB9254
RE
30MHz-1GHz
Class B (With MORNSUN
’s Module)
CISPR22, EN55022, GB9254
EMS
ESD
Air
±8KV Contact ±6KV perf. CriteriaB
IEC/EN61000-4-2, GB/T17626.2
EFT
±4KV perf. CriteriaB
IEC/EN61000-4-4, GB/T17626.4
EN50155, RIA12, GB/T25119-2010
Surge
±2KV(1.2µs/50µs2Ω)/±4KV(1.2µs/50µs 12Ω) perf. CriteriaB
IEC/EN61000-4-5, GB/T17626.5
EN50155, RIA12, GB/T25119-2010
RS
10V/m perf. Criteria A (With MORNSUN
’s Module)
IEC/EN61000-4-3, GB/T17626.3
CS
10V
perf. Criteria A (With MORNSUN
’s Module)
IEC/EN61000-4-6, GB/T17626.6
TYPICAL APPLY CIRCUIT
+ V in
- V in
FC -AX3D
DC -DC
C O N VERTER
+ Vo
0V
+ Vo
-Vo
F U SE
+
C1
FUSE: Due to the difference of the power module input current, the fuse of the recommended values, please refer to the Technical Manual for the
power module.
C1: The following results are measured in the C1 selection under the condition of 1000uF, C1 increased properly, can enhance the anti-jamming of
voltage dips, short interruptions and voltage variations.
+ Vin
- Vin
FC-AX3D
DC-DC
CONVERTER
+ Vo
0V
+ Vo
-Vo
F USE
+
C1
+Vin
-Vin
FC -AX3D
DC -DC
C ON VERTER
+Vo
0V
+Vo
-Vo
F USE
+
C1
These applications is not supported for this model.
EMC SPECIFICATIONS
①Surge Test Result
FC-AX3D Input voltage waveform(Differential mode 2KV)
FC-AX3D Output voltage waveform


Numéro de pièce similaire - FC-AX3D

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
FC-A PANASONIC-FC-A Datasheet
620Kb / 17P
   Aluminum Electrolytic Capacitors
20-Dec-19
FC-A PANASONIC-FC-A Datasheet
509Kb / 12P
   Radial Lead Type
28-Feb-20
More results

Description similaire - FC-AX3D

FabricantNo de pièceFiches techniqueDescription
logo
MORNSUN Science& Techno...
FC-CXXD MORNSUN-FC-CXXD Datasheet
648Kb / 5P
   EMC Filter
FC-E03D MORNSUN-FC-E03D Datasheet
1Mb / 6P
   EMC Filter
FC-L01D2 MORNSUN-FC-L01D2 Datasheet
350Kb / 5P
   EMC Filter
FL4D-X1-302 MORNSUN-FL4D-X1-302 Datasheet
161Kb / 2P
   EMC Filter
FC-LX1D MORNSUN-FC-LX1D Datasheet
547Kb / 7P
   EMC Filter
FS-A01D MORNSUN-FS-A01D Datasheet
249Kb / 3P
   EMC Filter
FC-LX1D2 MORNSUN-FC-LX1D2 Datasheet
2Mb / 8P
   EMC Filter
FC-L01D MORNSUN-FC-L01D Datasheet
350Kb / 5P
   EMC Filter
FC-L01DV1 MORNSUN-FC-L01DV1 Datasheet
193Kb / 3P
   EMC Filter
FI-B03D MORNSUN-FI-B03D Datasheet
277Kb / 3P
   EMC Filter
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com