Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM49370 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce LM49370
Description  Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM49370 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button LM49370 Datasheet HTML 6Page - Texas Instruments LM49370 Datasheet HTML 7Page - Texas Instruments LM49370 Datasheet HTML 8Page - Texas Instruments LM49370 Datasheet HTML 9Page - Texas Instruments LM49370 Datasheet HTML 10Page - Texas Instruments LM49370 Datasheet HTML 11Page - Texas Instruments LM49370 Datasheet HTML 12Page - Texas Instruments LM49370 Datasheet HTML 13Page - Texas Instruments LM49370 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
LM49370
SNAS356D – FEBRUARY 2007 – REVISED MARCH 2012
www.ti.com
Electrical Characteristics
(1)(2) (continued)
Unless otherwise stated PLL_VDD = 3.3V, D_VDD = 3.3V, BB_VDD = 1.8V, A_VDD = 3.3V, LS_VDD = 3.3V. The following
specifications apply for the circuit shown in Figure 2 unless otherwise stated. Limits apply for 25°C.
LM49370
Symbol
Parameter
Conditions
Units
Limit(4)
Typical(3)
(5)
TSPIHOLDD
Data Hold Time
100
ns (min)
TSPICL
Clock Low Time
500
ns (min)
TSPICH
Clock High Time
500
ns (min)
VOLUME CONTROL
Minimum Gain w/ AUX_BOOST OFF
–46.5
dB
Maximum Gain w/ AUX_BOOST OFF
0
dB
VCRAUX
AUX Volume Control Range
Minimum Gain w/ AUX_BOOST ON
–34.5
dB
Maximum Gain w/ AUX_BOOST ON
12
dB
Minimum Gain w/ DAC_BOOST OFF
–46.5
dB
Maximum Gain w/ DAC_BOOST OFF
0
dB
VCRDAC
DAC Volume Control Range
Minimum Gain w/ DAC_BOOST ON
–34.5
dB
Maximum Gain w/ DAC_BOOST ON
12
dB
Minimum Gain
–34.5
dB
VCRCPIN
CPIN Volume Control Range
Maximum Gain
12
dB
Minimum Gain
6
dB
VCRMIC
MIC Volume Control Range
Maximum Gain
36
dB
Minimum Gain
–30
dB
VCRSIDE
SIDETONE Volume Control Range
Maximum Gain
0
dB
SSAUX
AUX VCR Stepsize
1.5
dB
SSDAC
DAC VCR Stepsize
1.5
dB
SSCPIN
CPIN VCR Stepsize
1.5
dB
SSMIC
MIC VCR Stepsize
2
dB
SSSIDE
SIDETONE VCR Stepsize
3
dB
AUDIO PATH GAIN W/ STEREO (bit 6 of 0x00h) ENABLED (AUX_L & AUX_R signals identical and selected onto mixer)
Minimum Gain from AUX input,
–34.5
dB
BOOST OFF
Maximum Gain from AUX input,
12
dB
Loudspeaker Audio Path Gain
BOOST OFF
Minimum Gain from CPI input
–22.5
dB
Maximum Gain from CPI input
24
dB
Minimum Gain from AUX input,
–52.5
dB
BOOST OFF
Maximum Gain from AUX input,
–6
dB
BOOST OFF
Minimum Gain from CPI input
–40.5
dB
Headphone Audio Path Gain
Maximum Gain from CPI input
6
dB
Minimum Gain from MIC input using
–30
dB
SIDETONE path w/ VCRMIC gain = 6dB
Maximum Gain from MIC input using
0
dB
SIDETONE path w/ VCRMIC gain = 6dB
10
Submit Documentation Feedback
Copyright © 2007–2012, Texas Instruments Incorporated
Product Folder Links: LM49370


Numéro de pièce similaire - LM49370

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
LM49370RL NSC-LM49370RL Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
logo
Texas Instruments
LM49370RL/NOPB TI1-LM49370RL/NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
LM49370RLX-NOPB TI1-LM49370RLX-NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
More results

Description similaire - LM49370

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM49370 NSC-LM49370 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier
LM49370 NSC-LM49370_08 Datasheet
2Mb / 100P
   Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode
logo
Texas Instruments
LM49370RLX-NOPB TI1-LM49370RLX-NOPB Datasheet
2Mb / 89P
[Old version datasheet]   Boomer짰 Audio Power Amplifier Series Audio Sub-System with an Ultra Low EMI, Spread Spectrum, Class D Loudspeaker Amplifier, a Dual-Mode Stereo Headphone Amplifier, and a Dedicated PCM Interface for Bluetooth Transceivers
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI1-LM4675_14 Datasheet
1Mb / 24P
[Old version datasheet]   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
National Semiconductor ...
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
   3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
   Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675 TI1-LM4675 Datasheet
1Mb / 23P
[Old version datasheet]   LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com