Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4923 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce LM4923
Description  1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM4923 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button LM4923_14 Datasheet HTML 5Page - Texas Instruments LM4923_14 Datasheet HTML 6Page - Texas Instruments LM4923_14 Datasheet HTML 7Page - Texas Instruments LM4923_14 Datasheet HTML 8Page - Texas Instruments LM4923_14 Datasheet HTML 9Page - Texas Instruments LM4923_14 Datasheet HTML 10Page - Texas Instruments LM4923_14 Datasheet HTML 11Page - Texas Instruments LM4923_14 Datasheet HTML 12Page - Texas Instruments LM4923_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
20
100
1k
10k 20k
100n
1P
10P
100P
FREQUENCY (Hz)
Vo1 + Vo2
Shutdown On
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0
0.1
0.2
0.3
0.5
0.6
0.7
0.8
SUPPLY VOLTAGE (V)
0.4
RL = 4: Top
RL = 4: Bottom
RL = 8: Top
RL = 8: Bottom
20
100
1k
10k 20k
100n
1P
10P
100P
FREQUENCY (Hz)
Vo1 + Vo2
Shutdown On
0
20
40
60
80
100 120 140 160
AMBIENT TEMPERATURE (
oC)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
0.4
0.8
1.2
1.4
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
OUTPUT POWER (W)
0.2
0.6
1
0
0.2
0.4
0.5
0
0.05
0.1
0.15
0.2
0.25
OUTPUT POWER (W)
0.1
0.3
LM4923, LM4923LQBD
www.ti.com
SNAS211D – JULY 2004 – REVISED FEBRUARY 2009
Typical Performance Characteristics (continued)
Power Dissipation
Power Dissipation
vs
vs
Output Power
Output Power
VDD = 5V, RL = 8Ω
VDD = 3V, RL = 8Ω
Figure 22.
Figure 23.
Noise Floor
Power Derating Curve
VDD = 5V
Figure 24.
Figure 25.
Clipping Voltage
Noise Floor
vs
VDD = 3V
Supply Voltage
Figure 26.
Figure 27.
Copyright © 2004–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4923 LM4923LQBD


Numéro de pièce similaire - LM4923_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4923LQ NSC-LM4923LQ Datasheet
433Kb / 12P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4923LQ/NOPB TI1-LM4923LQ/NOPB Datasheet
980Kb / 23P
[Old version datasheet]   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923LQX/NOPB TI1-LM4923LQX/NOPB Datasheet
980Kb / 23P
[Old version datasheet]   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923MM/NOPB TI1-LM4923MM/NOPB Datasheet
980Kb / 23P
[Old version datasheet]   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
More results

Description similaire - LM4923_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923 Datasheet
433Kb / 12P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4923 TI1-LM4923 Datasheet
980Kb / 23P
[Old version datasheet]   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
[Old version datasheet]   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898 NSC-LM4898 Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4927 NSC-LM4927 Datasheet
827Kb / 14P
   2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4899 NSC-LM4899 Datasheet
593Kb / 16P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
LM4895 NSC-LM4895 Datasheet
682Kb / 15P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
logo
Texas Instruments
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com