Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L-05C1N8SV4T Fiches technique(PDF) 3 Page - Johanson Technology Inc.

No de pièce L-05C1N8SV4T
Description  RF CERAMIC CHIP INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JOHANSON [Johanson Technology Inc.]
Site Internet  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

L-05C1N8SV4T Fiches technique(HTML) 3 Page - Johanson Technology Inc.

  L-05C1N8SV4T Datasheet HTML 1Page - Johanson Technology Inc. L-05C1N8SV4T Datasheet HTML 2Page - Johanson Technology Inc. L-05C1N8SV4T Datasheet HTML 3Page - Johanson Technology Inc. L-05C1N8SV4T Datasheet HTML 4Page - Johanson Technology Inc. L-05C1N8SV4T Datasheet HTML 5Page - Johanson Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
18
www.johansontechnology.com
19
www.johansontechnology.com
18
www.johansontechnology.com
0402 CONTINUED
Part Number
Inductance
Tolerance
Q (Min.)
L/Q Freq.
Typical SRF
DC Resistance Max Rated Current
L-07C2N4SV6T
2.4 nH
± 0.3 nH
8
100 MHz
10000 MHz
0.16
300 mA
L-07C2N7SV6T
2.7 nH
± 0.3 nH
8
100 MHz
9500 MHz
0.17
300 mA
L-07C3N0@V6T
3.0 nH
± 0.3 nH
8
100 MHz
9000 MHz
0.18
300 mA
L-07C3N3@V6T
3.3 nH
± 0.3 nH ±10%
8
100 MHz
8500 MHz
0.19
300 mA
L-07C3N6@V6T
3.6 nH
± 0.3 nH ±10%
8
100 MHz
7500 MHz
0.21
300 mA
L-07C3N9@V6T
3.9 nH
± 0.3 nH ±10%
8
100 MHz
7000 MHz
0.22
300 mA
L-07C4N3@V6T
4.3 nH
± 0.3 nH ±10%
8
100 MHz
6000 MHz
0.24
300 mA
L-07C4N7@V6T
4.7 nH
± 0.3 nH ±10%
8
100 MHz
6000 MHz
0.24
300 mA
L-07C5N1@V6T
5.1 nH
± 0.3 nH ±10%
8
100 MHz
5500 MHz
0.26
300 mA
L-07C5N6@V6T
5.6 nH
± 0.3 nH ±10%
8
100 MHz
5400 MHz
0.27
300 mA
L-07C6N2#V6T
6.2 nH
±5% ±10%
8
100 MHz
5200 MHz
0.30
300 mA
L-07C6N8#V6T
6.8 nH
±5% ±10%
8
100 MHz
5000 MHz
0.32
250 mA
L-07C7N5#V6T
7.5 nH
±5% ±10%
8
100 MHz
4600 MHz
0.40
250 mA
L-07C8N2#V6T
8.2 nH
±5% ±10%
8
100 MHz
4600 MHz
0.40
250 mA
L-07C10N#V6T
10.0 nH
±5% ±10%
8
100 MHz
3700 MHz
0.45
250 mA
L-07C12N#V6T
12.0 nH
±5% ±10%
8
100 MHz
3200 MHz
0.50
250 mA
L-07C13N#V6T
13.0 nH
±5% ±10%
8
100 MHz
3100 MHz
0.55
250 mA
L-07C15N#V6T
15.0 nH
±5% ±10%
8
100 MHz
3100 MHz
0.60
250 mA
L-07C18N#V6T
18.0 nH
±5% ±10%
8
100 MHz
2900 MHz
0.65
200 mA
L-07C20N#V6T
20.0 nH
±5% ±10%
8
100 MHz
2100 MHz
0.80
200 mA
L-07C22N#V6T
22.0 nH
±5% ±10%
8
100 MHz
2100 MHz
0.80
200 mA
L-07C23N#V6T
23.0 nH
±5% ±10%
8
100 MHz
2100 MHz
0.85
200 mA
L-07C27N#V6T
27.0 nH
±5% ±10%
8
100 MHz
1900 MHz
0.90
200 mA
L-07C33N#V6T
33.0 nH
±5% ±10%
8
100 MHz
1600 MHz
1.00
200 mA
L-07C39N#V6T
39.0 nH
±5% ±10%
8
100 MHz
1400 MHz
1.20
150 mA
L-07C43N#V6T
43.0 nH
±5% ±10%
8
100 MHz
1300 MHz
1.30
150 mA
L-07C47N#V6T
47.0 nH
±5% ±10%
8
100 MHz
1200 MHz
1.30
150 mA
L-07C56N#V6T
56.0 nH
±5% ±10%
8
100 MHz
1100 MHz
2.00
150 mA
L-07C68N#V6T
68.0 nH
±5% ±10%
8
100 MHz
1000 MHz
2.20
100 mA
L-07C82N#V6T
82.0 nH
±5% ±10%
8
100 MHz
900 MHz
2.50
100 mA
L-07CR10#V6T
100 nH
±5% ±10%
8
100 MHz
850 MHz
2.50
100 mA
L-07CR12#V6T
120 nH
±5% ±10%
8
50 MHz
750 MHz
2.50
100 mA
0603 INDUCTANCE RANGE / ELECTRICAL CHARACTERISTICS
Part Number
Inductance
Tolerance
Q (Min.)
L/Q Freq.
Typical SRF
DC Resistance Max Rated Current
L-14C1N0SV4T
1.0 nH
± 0.3 nH
8
100 MHz
>17000 MHz
0.10
300 mA
L-14C1N2SV4T
1.2 nH
± 0.3 nH
8
100 MHz
>17000 MHz
0.10
300 mA
L-14C1N5SV4T
1.5 nH
± 0.3 nH
8
100 MHz
>17000 MHz
0.10
300 mA
L-14C1N8SV4T
1.8 nH
± 0.3 nH
8
100 MHz
13000 MHz
0.10
300 mA
L-14C2N2SV4T
2.2 nH
± 0.3 nH
8
100 MHz
12000 MHz
0.15
300 mA
L-14C2N7SV4T
2.7 nH
± 0.3 nH
8
100 MHz
8600 MHz
0.15
300 mA
L-14C3N3@V4T
3.3 nH
± 0.3 nH ±10%
8
100 MHz
6500 MHz
0.20
300 mA
L-14C3N9@V4T
3.9 nH
± 0.3 nH ±10%
8
100 MHz
6300 MHz
0.20
300 mA
L-14C4N7@V4T
4.7 nH
± 0.3 nH ±10%
8
100 MHz
5400 MHz
0.20
300 mA
L-14C5N6@V4T
5.6 nH
± 0.3 nH ±10%
8
100 MHz
4600 MHz
0.25
300 mA
L-14C6N8#V4T
6.8 nH
±5% ±10%
8
100 MHz
4500 MHz
0.30
300 mA
L-14C8N2#V4T
8.2 nH
±5% ±10%
8
100 MHz
3800 MHz
0.33
300 mA
L-14C10N#V4T
10.0 nH
±5% ±10%
8
100 MHz
3700 MHz
0.35
300 mA
L-14C12N#V4T
12.0 nH
±5% ±10%
8
100 MHz
3200 MHz
0.40
300 mA
L-14C15N#V4T
15.0 nH
±5% ±10%
8
100 MHz
2900 MHz
0.45
300 mA
L-14C18N#V4T
18.0 nH
±5% ±10%
10
100 MHz
2100 MHz
0.50
300 mA
L-14C22N#V4T
22.0 nH
±5% ±10%
10
100 MHz
2100 MHz
0.55
300 mA
L-14C27N#V4T
27.0 nH
±5% ±10%
10
100 MHz
2000 MHz
0.60
300 mA
L-14C33N#V4T
33.0 nH
±5% ±10%
10
100 MHz
1600 MHz
0.65
300 mA
L-14C39N#V4T
39.0 nH
±5% ±10%
10
100 MHz
1500 MHz
0.70
300 mA
L-14C47N#V4T
47.0 nH
±5% ±10%
12
100 MHz
1200 MHz
0.90
300 mA
@ = Choice of S or K Tolerance, # = J or K Tolerance


Numéro de pièce similaire - L-05C1N8SV4T

FabricantNo de pièceFiches techniqueDescription
logo
Johanson Technology Inc...
L-05C1N8SV4T JOHANSON-L-05C1N8SV4T Datasheet
317Kb / 5P
   RF CERAMIC CHIP INDUCTORS
More results

Description similaire - L-05C1N8SV4T

FabricantNo de pièceFiches techniqueDescription
logo
Johanson Technology Inc...
L-05B10NCV4T JOHANSON-L-05B10NCV4T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C47NJV4T JOHANSON-L-14C47NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC705 PULSE-WC705 Datasheet
614Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C8N2JV6T JOHANSON-L-07C8N2JV6T Datasheet
113Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
WC704 PULSE-WC704 Datasheet
618Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-07C1N0SV6T JOHANSON-L-07C1N0SV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
logo
Pulse A Technitrol Comp...
PE-0402CL PULSE-PE-0402CL Datasheet
1,002Kb / 3P
   CERAMIC RF CHIP INDUCTORS
logo
Johanson Technology Inc...
L-05B15NJV6T JOHANSON-L-05B15NJV6T Datasheet
486Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-14C12NJV4T JOHANSON-L-14C12NJV4T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-07C6N2SV6T JOHANSON-L-07C6N2SV6T Datasheet
512Kb / 3P
   RF CERAMIC CHIP INDUCTORS
L-05B3N0KV6T JOHANSON-L-05B3N0KV6T Datasheet
229Kb / 3P
   RF ceRaMic chiP inDUcToRs
More results


Html Pages

1 2 3 4 5