Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP1154ADL18 Fiches technique(PDF) 5 Page - HuaXinAn Electronics CO.,LTD

No de pièce AP1154ADL18
Description  Output LDO Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Site Internet  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

AP1154ADL18 Fiches technique(HTML) 5 Page - HuaXinAn Electronics CO.,LTD

  AP1154ADL18 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD AP1154ADL18 Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD AP1154ADL18 Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD AP1154ADL18 Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD AP1154ADL18 Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD AP1154ADL18 Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD AP1154ADL18 Datasheet HTML 7Page - HuaXinAn Electronics CO.,LTD AP1154ADL18 Datasheet HTML 8Page - HuaXinAn Electronics CO.,LTD AP1154ADL18 Datasheet HTML 9Page - HuaXinAn Electronics CO.,LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
[AP1154ADLXX]
Rev.0.1
- 5 -
2014/07
8. Absolute Maximum Rating
Parameter
Symbol
min
max
Unit
Condition
Supply Voltage
VccMAX
-0.4
16
V
Reverse Bias
VrevMAX
-0.4
6
V
Vout≦2.0V
-0.4
10
V
2.1V≦Vout
PCL pin Voltage
VpclMAX
-0.4
5
V
Control pin Voltage
VcontMAX
-0.4
16
V
Junction temperature
Tj
-
150
C
Storage Temperature Range
Tstg
-55
150
C
Power Dissipation
PD
-
2400
mW
When mounted on PCB
(
Note 1)
Note 1. Please derate 19.2mW/C above 25C or more. Thermal resistance (JA) = 52C/W.
WARNING: The maximum ratings are the absolute limitation values with the possibility of the IC breakage.
When the operation exceeds this standard quality cannot be guaranteed.
9. Recommended Operating Conditions
Parameter
Symbol
min
typ
max
Unit
Condition
Operating Temperature Range
Ta
-40
-
85
C
Operating Voltage Range
VOP
2.4
-
14
V


Numéro de pièce similaire - AP1154ADL18

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AP1154ADL18 AKM-AP1154ADL18 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADL18 AKM-AP1154ADL18 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
More results

Description similaire - AP1154ADL18

FabricantNo de pièceFiches techniqueDescription
logo
HuaXinAn Electronics CO...
AP1153ADSXX HUAXINAN-AP1153ADSXX Datasheet
1Mb / 29P
   Output LDO Regulator
AP1150ADSXX HUAXINAN-AP1150ADSXX Datasheet
719Kb / 19P
   Output LDO Regulator
logo
Rohm
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
   500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
   500mA-Peak Output LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com