Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2157 Fiches technique(PDF) 2 Page - NEC

No de pièce 2SK2157
Description  N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SK2157 Fiches technique(HTML) 2 Page - NEC

  2SK2157 Datasheet HTML 1Page - NEC 2SK2157 Datasheet HTML 2Page - NEC 2SK2157 Datasheet HTML 3Page - NEC 2SK2157 Datasheet HTML 4Page - NEC 2SK2157 Datasheet HTML 5Page - NEC 2SK2157 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK2157
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain Cut-Off Current
IDSS
VDS = 30 V, VGS = 0
1.0
µA
Gate Leakage Current
IGSS
VGS =
±20 V, VDS = 0
±10
µA
Gate Cut-Off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.5
1.9
2.5
V
Forward Transfer Admittance
|yfs|VDS = 10 V, ID = 2.5 A
2.0
S
Drain to Source On-State Resistance
RDS(on)1
VGS = 4 V, ID =2.5 A
0.09
0.15
Drain to Source On-State Resistance
RDS(on)2
VGS = 10 V, ID = 2.5 A
0.06
0.10
Input Capacitance
Ciss
VDS = 10 V, VGS = 0,
650
pF
Output Capacitance
Coss
f = 1.0 MHz
400
pF
Reverse Transfer Capacitance
Crss
120
pF
Turn-On Delay Time
td(on)
VDD = 10 V, ID = 2.5 A
85
ns
Rise Time
tr
VGS(on) = 10 V, RG = 10
450
ns
Turn-Off Delay Time
td(off)
RL = 4
285
ns
Fall Time
tf
315
ns


Numéro de pièce similaire - 2SK2157

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SK2157 RENESAS-2SK2157 Datasheet
262Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
2SK2157C RENESAS-2SK2157C Datasheet
221Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK2157C-T1-AY RENESAS-2SK2157C-T1-AY Datasheet
221Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK2157C-T1-AZ RENESAS-2SK2157C-T1-AZ Datasheet
221Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results

Description similaire - 2SK2157

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SK1272 NEC-2SK1272 Datasheet
401Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK2053 NEC-2SK2053 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2090 NEC-2SK2090 Datasheet
59Kb / 6P
   N-Channel MOS FET FOR HIGH-SPEED SWITCHING
2SK2109 NEC-2SK2109 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2110 NEC-2SK2110 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2070 NEC-2SK2070 Datasheet
59Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2159 NEC-2SK2159 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK1398 NEC-2SK1398 Datasheet
52Kb / 8P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK680A NEC-2SK680A Datasheet
317Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING?
2SK1958 NEC-2SK1958 Datasheet
60Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK1273 NEC-2SK1273 Datasheet
356Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com