Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2157 Fiches technique(PDF) 1 Page - NEC

No de pièce 2SK2157
Description  N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SK2157 Fiches technique(HTML) 1 Page - NEC

  2SK2157 Datasheet HTML 1Page - NEC 2SK2157 Datasheet HTML 2Page - NEC 2SK2157 Datasheet HTML 3Page - NEC 2SK2157 Datasheet HTML 4Page - NEC 2SK2157 Datasheet HTML 5Page - NEC 2SK2157 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1996
DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SK2157
N-CHANNEL MOS FET
FOR HIGH-SPEED SWITCHING
PACKAGE DIMENSIONS (in mm)
5.7 ±0.1
2.0 ±0.2
S
G
1.5 ±0.1
0.41 ±0.05
4.2
0.85 ±0.1
2.1
0.5 ±0.1
0.5 ±0.1
D
EQUIVALENT CIRCUIT
Source (S)
Internal diode
Gate
protection
diode
Gate (G)
Drain (D)
PIN CONNECTIONS
S: Source
D: Drain
G: Gate
Marking: NA4
The 2SK2157 is a N-channel MOS FET of a vertical type and
is a switching element that can be directly driven by the output of
an IC operating at 5 V. This product has a low ON resistance and
superb switching characteristics and is ideal for driving the actua-
tors and DC/DC converters.
FEATURES
New package intermediate between small-signal and power
models
Can be directly driven by output of 5-V IC
Low ON resistance
RDS(on)
≤ 0.15 Ω @VGS = 4 V, ID = 2.5 A
RDS(on)
≤ 0.10 Ω @VGS = 10 V, ID = 2.5 A
Document No. D11233EJ1V0DS00 (1st edition)
Date Published June 1996 P
Printed in Japan
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
PARAMETER
SYMBOL
TEST CONDITIONS
RATING
UNIT
Drain to Source Voltage
VDSS
VGS = 0
30
V
Gate to Source Voltage
VGSS
VDS = 0
±20
V
Drain Current (DC)
ID(DC)
±5.0
A
Drain Current (Pulse)
ID(pulse)
PW
≤ 10 ms,
±10.0
A
Duty cycle
≤ 50 %
Total Power Dissipation
PT
7.5 cm2
× 0.7 mm, ceramic substrate used
2.0
W
Channel Temperature
Tch
150
˚C
Storage Temperature
Tstg
–55 to +150
˚C


Numéro de pièce similaire - 2SK2157

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SK2157 RENESAS-2SK2157 Datasheet
262Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
2SK2157C RENESAS-2SK2157C Datasheet
221Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK2157C-T1-AY RENESAS-2SK2157C-T1-AY Datasheet
221Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK2157C-T1-AZ RENESAS-2SK2157C-T1-AZ Datasheet
221Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results

Description similaire - 2SK2157

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SK1272 NEC-2SK1272 Datasheet
401Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK2053 NEC-2SK2053 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2090 NEC-2SK2090 Datasheet
59Kb / 6P
   N-Channel MOS FET FOR HIGH-SPEED SWITCHING
2SK2109 NEC-2SK2109 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2110 NEC-2SK2110 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2070 NEC-2SK2070 Datasheet
59Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2159 NEC-2SK2159 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK1398 NEC-2SK1398 Datasheet
52Kb / 8P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK680A NEC-2SK680A Datasheet
317Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING?
2SK1958 NEC-2SK1958 Datasheet
60Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK1273 NEC-2SK1273 Datasheet
356Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com