Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2157 Fiches technique(PDF) 3 Page - NEC

No de pièce 2SK2157
Description  N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SK2157 Fiches technique(HTML) 3 Page - NEC

  2SK2157 Datasheet HTML 1Page - NEC 2SK2157 Datasheet HTML 2Page - NEC 2SK2157 Datasheet HTML 3Page - NEC 2SK2157 Datasheet HTML 4Page - NEC 2SK2157 Datasheet HTML 5Page - NEC 2SK2157 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK2157
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
100
80
60
40
20
0
30
60
90
120
150
TA - Ambient Temperature - ˚C
FORWARD BIAS SAFE OPERATING AREA
10
2
1
0.5
0.2
0.1
2
5
10
50
100
VDS - Drain to Source Voltage - V
5
120
Single Pulse
10
ms
PW
=
100
ms
DS
1 ms
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
10
8
6
4
2
0
12
3
4
5
VDS - Drain to Source Voltate -V
3.5 V
3.0 V
2.5 V
VGS = 2.0 V
TRANSFER CHARACTERISTICS
10
1
0.1
0.01
0.5
1
1.5
2.5
3
4
VGS - Gate to Source Voltage - V
0.001
2
3.5
25 ˚C
–25 ˚C
VDS = 10 V
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
10
1
0.1
0.01
0.01
0.1
1
ID - Drain Current - A
VDS = 10 V
0.001
TA = –25 ˚C
25 ˚C
75 ˚C
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. DRAIN CURRENT
0.3
0.2
0.1
0.01
0.1
1
10
ID - Drain Current - A
0
VGS = 4 V
0.001
TA = 75 ˚C
25 ˚C
–25 ˚C
TA = 75 ˚C


Numéro de pièce similaire - 2SK2157

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
2SK2157 RENESAS-2SK2157 Datasheet
262Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
2SK2157C RENESAS-2SK2157C Datasheet
221Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK2157C-T1-AY RENESAS-2SK2157C-T1-AY Datasheet
221Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
2SK2157C-T1-AZ RENESAS-2SK2157C-T1-AZ Datasheet
221Kb / 8P
   N-CHANNEL MOSFET FOR SWITCHING
More results

Description similaire - 2SK2157

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SK1272 NEC-2SK1272 Datasheet
401Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK2053 NEC-2SK2053 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2090 NEC-2SK2090 Datasheet
59Kb / 6P
   N-Channel MOS FET FOR HIGH-SPEED SWITCHING
2SK2109 NEC-2SK2109 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2110 NEC-2SK2110 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2070 NEC-2SK2070 Datasheet
59Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2159 NEC-2SK2159 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK1398 NEC-2SK1398 Datasheet
52Kb / 8P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK680A NEC-2SK680A Datasheet
317Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING?
2SK1958 NEC-2SK1958 Datasheet
60Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK1273 NEC-2SK1273 Datasheet
356Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com