Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SK3363-01 Fiches technique(PDF) 2 Page - Fuji Electric

No de pièce 2SK3363-01
Description  N-CHANNEL SILICON POWER MOS-FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJI [Fuji Electric]
Site Internet  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3363-01 Fiches technique(HTML) 2 Page - Fuji Electric

  2SK3363-01 Datasheet HTML 1Page - Fuji Electric 2SK3363-01 Datasheet HTML 2Page - Fuji Electric 2SK3363-01 Datasheet HTML 3Page - Fuji Electric 2SK3363-01 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
01
23
4
5
6
0.1
1
10
100
Typical transfer characteristics
ID=f(VGS):80µs pulse test,VDS=25V,Tch=25°C
VGS [V]
Characteristics
2SK3363-01
FUJI POWER MOSFET
0
25
50
75
100
125
150
0
20
40
60
80
100
Power Dissipation
PD=f(Tc)
Tc [°C]
10
-1
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
10
2
10
3
VDS [V]
Safe operating area
ID=f(VDS):D=0.01,Tc=25°C
t=
1µs
10µs
1ms
10ms
100ms
100µs
D.C.
01
2
345
0
50
100
150
200
3.0V
2.0V
2.5V
4.0V
3.5V
4.5V
10V
8V
5V
VGS=15V
Typical output characteristics
ID=f(VDS):80µs pulse test,Tc=25°C
VDS [V]
10
0
10
1
10
2
10
3
10
0
10
1
10
2
10
3
Typical forward transconductance
gfs=f(ID):80µs pulse test,VDS=25V,Tch=25°C
ID [A]
0
50
100
150
200
0
10
20
30
40
VGS=
2.0V
ID [A]
Typical Drain-Source on-State Resistance
RDS(on)=f(ID):80µs pulse test,Tch=25°C
8V
10V
15V
4.5V
5V
4.0V
3.5V
3.0V
2.5V
t
T
D=
t
T


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2SK1082-01 N-Channel Silicon Power MOS-FET 1  2  3  Fuji Electric
2SK2904-01 N-CHANNEL SILICON POWER MOS-FET 1  2  3  4  Fuji Electric
2SK3341-01 N-CHANNEL SILICON POWER MOS-FET 1  2  3  4  Fuji Electric
2SK1081-01 N-CHANNEL SILICON POWER MOS-FET 1  2  3  4  Fuji Electric
2SK1663L N-CHANNEL SILICON POWER MOS-FET 1  2  3  4  Fuji Electric
2SK2905-01R N-CHANNEL SILICON POWER MOS-FET 1  2  3  4  Fuji Electric
2SK3364-01 N-CHANNEL SILICON POWER MOS-FET 1  2  3  4  Fuji Electric
2SK725 N-CHANNEL SILICON POWER MOS-FET 1  2  3  4  Fuji Electric
2SK1916-01R N-CHANNEL SILICON POWER MOS-FET 1  2  3  4  Fuji Electric
2SK902 N-Channel Silicon Power MOS-FET 1  2  3  4  Fuji Electric

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn