Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SK3341-01 Fiches technique(PDF) 1 Page - Fuji Electric

No de pièce 2SK3341-01
Description  N-CHANNEL SILICON POWER MOS-FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJI [Fuji Electric]
Site Internet  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3341-01 Fiches technique(HTML) 1 Page - Fuji Electric

  2SK3341-01 Datasheet HTML 1Page - Fuji Electric 2SK3341-01 Datasheet HTML 2Page - Fuji Electric 2SK3341-01 Datasheet HTML 3Page - Fuji Electric 2SK3341-01 Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Item
Symbol
Rating
Unit
Drain-source voltage
VDS
900
Continuous drain current
ID
±10
Pulsed drain current
ID(puls]
±40
Gate-source voltage
VGS
±30
Repetitive or non-repetitive
IAR *2
10
Maximum Avalanche Energy
EAV*1
648
Max. power dissipation
PD
310
Operating and storage
Tch
+150
temperature range
Tstg
Electrical characteristics (Tc =25°C unless otherwise specified)
Thermalcharacteristics
2SK3341-01
FUJI POWER MOS-FET
N-CHANNEL SILICON POWER MOS-FET
Features
High speed switching
Low on-resistance
No secondary breadown
Low driving power
Avalanche-proof
Applications
Switching regulators
UPS (Uninterruptible Power Supply)
DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25°C unless otherwise specified)
Item
Symbol
Test Conditions
Zero gate voltage drain current
IDSS
VDS=900V
VGS=±30V
ID=5A
VGS=10V
ID=5A
VDS=25V
VCC=600V ID=10A
VGS=10V
RGS=10
Min.
Typ.
Max.
Units
V
V
µA
mA
nA
S
pF
nC
A
V
µs
µC
ns
Min.
Typ.
Max.
Units
Thermal resistance
Rth(ch-c)
channel to case
Rth(ch-a)
channel to ambient
0.403
50.0
°C/W
°C/W
Symbol
V(BR)DSS
VGS(th)
IGSS
RDS(on)
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
QG
QGS
QGD
IAV
VSD
trr
Qrr
Item
Drain-source breakdown voltaget
Gate threshold voltage
Gate-source leakage current
Drain-source on-state resistance
Forward transcondutance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on time ton
Turn-off time toff
Total gate charge
Gate-Source charge
Gete-Drain charge
Avalanche capability
Diode forward on-voltage
Reverse recovery time
Reverse recovery charge
Test Conditions
ID=1mA
VGS=0V
ID=1mA
VDS=VGS
Tch=25°C
VGS=0V
Tch=125°C
VDS=0V
VDS=25V
VGS=0V
f=1MHz
Vcc=450V
ID=10A
VGS=10V
L=11.9mH Tch=25°C
IF=2xIDR VGS=0V Tch=25°C
IF=IDR VGS=0V
-dIF/dt=100A/µs
Tch=25°C
V
A
A
V
A
mJ
W
°C
*1 L=11.9mH, Vcc=90V
*2 Tch=150°C
900
2.5
3.0
3.5
10
500
0.2
1.0
10
100
0.92
1.2
3.5
7
2200
3300
240
360
115
173
28
42
70
105
220
330
90
135
120
180
36
54
40
60
10
1.00
1.50
1.8
21.0
-55 to +150
<
Equivalent circuit schematic
Gate(G)
Source(S)
Drain(D)


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2SK1082-01 N-Channel Silicon Power MOS-FET 1  2  3  Fuji Electric
2SK2904-01 N-CHANNEL SILICON POWER MOS-FET 1  2  3  4  Fuji Electric
2SK3363-01 N-CHANNEL SILICON POWER MOS-FET 1  2  3  4  Fuji Electric
2SK1081-01 N-CHANNEL SILICON POWER MOS-FET 1  2  3  4  Fuji Electric
2SK1663L N-CHANNEL SILICON POWER MOS-FET 1  2  3  4  Fuji Electric
2SK2905-01R N-CHANNEL SILICON POWER MOS-FET 1  2  3  4  Fuji Electric
2SK3364-01 N-CHANNEL SILICON POWER MOS-FET 1  2  3  4  Fuji Electric
2SK725 N-CHANNEL SILICON POWER MOS-FET 1  2  3  4  Fuji Electric
2SK1916-01R N-CHANNEL SILICON POWER MOS-FET 1  2  3  4  Fuji Electric
2SK902 N-Channel Silicon Power MOS-FET 1  2  3  4  Fuji Electric

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn