Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD311 Fiches technique(PDF) 6 Page - RFHIC

No de pièce AD311
Description  Multi Tuner Set-Top Boxes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFHIC [RFHIC]
Site Internet  http://www.rfhic.com
Logo RFHIC - RFHIC

AD311 Fiches technique(HTML) 6 Page - RFHIC

  AD311_14 Datasheet HTML 1Page - RFHIC AD311_14 Datasheet HTML 2Page - RFHIC AD311_14 Datasheet HTML 3Page - RFHIC AD311_14 Datasheet HTML 4Page - RFHIC AD311_14 Datasheet HTML 5Page - RFHIC AD311_14 Datasheet HTML 6Page - RFHIC AD311_14 Datasheet HTML 7Page - RFHIC AD311_14 Datasheet HTML 8Page - RFHIC AD311_14 Datasheet HTML 9Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
E-pHEMT MMIC
AD311
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
6 / 9
Version 1.3
Electrical Specifications (Insert Pad)
PARAMETER
UNIT
TYPICAL DATA
CONDITION
Frequency
MHz
30~1000
-
Supply Voltage
V
5
-
Gain
dB
4.2
-
Gain Flatness
dB
0.3
-
Input Return Loss
dB
-17
-
Output Return Loss
dB
-18
-
IN&OUT Port Isolation
dB
-29
-
OUT&OUT Port Isolation
dB
-40
-
OIP3
dBm
27
-
P1dB
dBm
13
-
Noise Figure
dB
4.5
-
CSO
dBc
-61
135 channel, +15dBmV/ch
CTB
dBc
-74
135 channel, +15dBmV/ch
XMOD
dBc
-69
135 channel, +15dBmV/ch
DC Current
mA
120
Vdd = 5.0V
Application Circuit @ 30~ 1000MHz, +5V, 75ohm System


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn