Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD311 Fiches technique(PDF) 3 Page - RFHIC

No de pièce AD311
Description  Multi Tuner Set-Top Boxes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFHIC [RFHIC]
Site Internet  http://www.rfhic.com
Logo RFHIC - RFHIC

AD311 Fiches technique(HTML) 3 Page - RFHIC

  AD311_14 Datasheet HTML 1Page - RFHIC AD311_14 Datasheet HTML 2Page - RFHIC AD311_14 Datasheet HTML 3Page - RFHIC AD311_14 Datasheet HTML 4Page - RFHIC AD311_14 Datasheet HTML 5Page - RFHIC AD311_14 Datasheet HTML 6Page - RFHIC AD311_14 Datasheet HTML 7Page - RFHIC AD311_14 Datasheet HTML 8Page - RFHIC AD311_14 Datasheet HTML 9Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
E-pHEMT MMIC
AD311
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
3 / 9
Version 1.3
Multi-Tone Test : 135CH_FLAT@Input Power +15dBmV/Ch
Level : Input +15dBmV
Tilt : 135CH
FRQ
XMOD
CTB
RAW
CTB
COR
N-FLR
CSU
RAW
CSU
COR
CSU
FRQ
CSL
RAW
CSL
COR
CSL
FRQ
55.25
65.7
74
74.4
84.5
82.7
87
56
70.7
71
54
77.25
66
74.3
74.7
84.6
71.6
71.8
77.99
84
88.3
76.14
109.25
65.7
73.9
74.2
84.8
83.3
87.6
109.99
71.2
71.4
107.99
211.25
65.8
72.6
72.9
84.3
79.2
80.8
212.5
70.5
70.7
209.99
331.25
66.1
72.2
72.6
83.5
73.3
73.7
332.49
67.5
67.6
329.99
445.25
66.8
72.4
72.3
83.2
67
70
446.49
64.7
66
443.99
547.25
67.3
72.9
73.4
82.3
67.3
67.5
548.49
66.1
66.2
545.99
637.25
68.2
73.3
73.9
82.4
66.3
66.4
638.5
67.4
67.6
635.99
745.25
68.8
73.7
74.4
82.2
64.7
64.7
746.49
71.3
71.6
743.99
859.25
69.2
74.3
75.5
80.3
63.1
63.1
860.49
73.9
75
858.49
Min
65.7
72.2
72.3
80.3
63.1
63.1
56
64.7
66
54
Max
69.2
74.3
75.5
84.8
83.3
87.6
860.49
84
88.3
858.49


Html Pages

1  2  3  4  5  6  7  8  9