Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AD311 Fiches technique(PDF) 1 Page - RFHIC

No de pièce AD311
Description  Multi Tuner Set-Top Boxes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFHIC [RFHIC]
Site Internet  http://www.rfhic.com
Logo RFHIC - RFHIC

AD311 Fiches technique(HTML) 1 Page - RFHIC

  AD311_14 Datasheet HTML 1Page - RFHIC AD311_14 Datasheet HTML 2Page - RFHIC AD311_14 Datasheet HTML 3Page - RFHIC AD311_14 Datasheet HTML 4Page - RFHIC AD311_14 Datasheet HTML 5Page - RFHIC AD311_14 Datasheet HTML 6Page - RFHIC AD311_14 Datasheet HTML 7Page - RFHIC AD311_14 Datasheet HTML 8Page - RFHIC AD311_14 Datasheet HTML 9Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
E-pHEMT MMIC
AD311
Korean Facilities : 82-31-250-5078 / rfsales@rfhic.com
All specifications may change without notice
US Facility : 919-677-8780 / sales@rfhicusa.com
1 / 9
Version 1.3
Product Features
Applications
• 3-Way Splitter
• Small size (3X3 mm)
• QFN SMD Type package
• Higher productivity
• Lower manufacturing cost
• -63dBc CSO 135 Channels @ +15dBmV/ch
• -72dBc CTB 135 Channels @ +15dBmV/ch
• -65dBc XMD 135 Channels @ +15dBmV/ch
4.5 dB Typical Noise Figure
• 75 ohm input and outputs
• Multi Tuner Set-Top Boxes
• Home Gateways
• FTTx (G-PON, GE-PON)
Description
AD311 is designed as low cost Active Divider for many applications including FTTH, CATV System.
This MMIC is based on Gallium Arsenide Enhancement Mode pHEMT which shows low current draw and very low noise.
The data in this spec sheet is valid only for 75ohm application.
Electrical Specifications
PARAMETER
UNIT
MIN
TYP
MAX
Typ
Frequency
MHz
30 ~ 1000
-
Gain
dB
7
8
-
8
Gain Flatness
dB
-
0.3
1
1
Input Return Loss
dB
-
-12
-
-9
Output Return Loss
dB
-
-10
-
-11
IN&OUT Port Isolation
dB
-
-25
-
-25
OUT&OUT Port Isolation
dB
-
-40
-
-35
Output IP3
dBm
29
32
-
30
1dB Compression Point
dBm
14
17.8
-
14
Noise Figure
dB
-
4.5
6
4
CSO
50 ~ 870MHz
135 channel@
Input Power +15dBmV/ch
dBc
-
-63
-60
-59
CTB
dBc
-
-72
-65
-72
XMOD
dBc
-
-65
-60
-65
DC Current
mA
-
120
-
110
Supply Voltage
V
5
3.3
Note
1. Test conditions unless otherwise noted. Test Freq = 500MHz, T=25℃, Vdd=5V, 75Ω system
2. OIP3 measured with 2 tones at an output power of +0dBm/tone separated by 1MHz, Test Freq = 500MHz
Absolute Maximum Ratings
PARAMETER
UNIT
MIN
TYP
MAX
CONDITION
Device Voltage
VDC
-
5
6
-
Operating Temperature
-40
-
85
-
Storage Temperature
-40
-
150
-
Package Type : QFN 3X3


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn