Moteur de recherche de fiches techniques de composants électroniques |
|
AD423-00 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers |
|
AD423-00 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers |
3 / 12 page Appendix - 133 - www.nve.com phone: 952-829-9217 fax: 952-829-9189 ackage Drawing – PLLP6 3.0 mm x 3.0 mm P 3.10 (0.122) 3.00 (0.118) 0.98 (0.038) 0.93 (0.036) 0.45 (0.018) 0.35 (0.014) 1.55 (0.061) 1.45 (0.057) 2.30 (0.091) 2.20 (0.087) 0.45 (0.018) 0.40 (0.016) 0.12 (0.005) 0.02 (0.001) 1.00 (0.039) 0.85 (0.033) 0.05 (0.002) 0.00 (0.000) Note: The PLLP6 package has thermal power dissipation of 320°C/Watt in free air. Attaching the package to ote on Lead-Free Packages orking to provide lead-free products in response to concerns about ure tin (Sn) have already been qualified at NVE and are available in most have higher melting onent of NVE’s commitment to take an active part in a circuit board improves thermal performance. Dimensions are in mm (inches). N The electronics industry has been w the environmental impact of the use of lead (Pb) in solder finishes. Increasing customer demand and directives to decrease the amounts of lead in consumer electronics products from governments around the globe, drives this effort. Lead-free finishes utilizing p of our products. However, additional lead times are associated with these parts. Since most lead-free solders being used in board assembly environments temperatures than traditional tin-lead solders, higher reflow temperatures may be necessary to form an equivalent solder joint between the component and the PC board. NVE characterizes all lead-free packages using elevated temperature (245°C to 260°C) reflow profiles characteristic of lead-free board assembly environments. All lead-free products will be identified with an “E” suffix on the part number and a lower case “e” marking on the package. This lead-free transition is an important comp protecting the environment and our responsibility to our customers and the communities around the world in which we do business. We remain dedicated to meeting our customers’ requirements and expectations. |
Numéro de pièce similaire - AD423-00 |
|
Description similaire - AD423-00 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |