Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD670JNZ Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD670JNZ
Description  Low Cost Signal Conditioning 8-Bit ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD670JNZ Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD670JNZ Datasheet HTML 2Page - Analog Devices AD670JNZ Datasheet HTML 3Page - Analog Devices AD670JNZ Datasheet HTML 4Page - Analog Devices AD670JNZ Datasheet HTML 5Page - Analog Devices AD670JNZ Datasheet HTML 6Page - Analog Devices AD670JNZ Datasheet HTML 7Page - Analog Devices AD670JNZ Datasheet HTML 8Page - Analog Devices AD670JNZ Datasheet HTML 9Page - Analog Devices AD670JNZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD670
REV. A
–6–
Table I. AD670 Input Selection/Output Format Truth Table
INPUT RANGE/
BPO/UPO
FORMAT
OUTPUT FORMAT
0
0
Unipolar/Straight Binary
1
0
Bipolar/Offset Binary
0
1
Unipolar/2s Complement
1
1
Bipolar/2s Complement
DIFF
STRAIGHT BINARY
+VIN
–VIN
VIN
(FORMAT = 0, BPO/UPO = 0)
0
0
0
0000 0000
128 mV
0
128 mV
1000 0000
255 mV
0
255 mV
1111 1111
255 mV
255 mV
0
0000 0000
128 mV
127 mV
1 mV
0000 0001
128 mV
–127 mV
255 mV
1111 1111
Figure 5a. Unipolar Output Codes (Low Range)
OFFSET BINARY 2s COMPLEMENT
DIFF
(FORMAT = 0,
(FORMAT = 1,
+VIN
–VIN
VIN
BPO/UPO = 1)
BPO/UPO = 1)
0
0
0
1000 0000
0000 0000
127 mV
0
127 mV
1111 1111
0111 1111
1.127 V
1.000 V
127 mV
1111 1111
0111 1111
255 mV
255 mV
0
1000 0000
0000 0000
128 mV
127 mV
1 mV
1000 0001
0000 0001
127 mV
128 mV
–1 mV
0111 1111
1111 1111
127 mV
255 mV
–128 mV
0000 0000
1000 0000
–128 mV 0
–128 mV
0000 0000
1000 0000
Figure 5b. Bipolar Output Codes (Low Range)
Calibration
Because of its precise factory calibration, the AD670 is intended
to be operated without user trims for gun and offset; therefore,
no provisions have been made for such user trims. Figures 6a,
6b, and 6c show the transfer curves at zero and full scale for the
unipolar and bipolar modes. The code transitions are positioned
so that the desired value is centered at that code. The first LSB
transition for the unipolar mode occurs for an input of +1/2 LSB
(5 mV or 0.5 mV). Similarly, the MSB transition for the bipolar
mode is set at –1/2 LSB (–5 mV or –0.5 mV). The full scale
transition is located at the full scale value –1 1/2 LSB. These
values are 2.545 V and 254.5 mV.
6a. Unipolar Transfer Curve
Figure 4a. CMRR Over Frequency
Figure 4b. AD670 Input Rejects Common-Mode
Ground Noise
Good common-mode performance is useful in a number of situ-
ations. In bridge-type transducer applications, such performance
facilitates the recovery of differential analog signals in the pres-
ence of a dc common-mode or a noisy electrical environment.
High frequency CMRR also becomes important when the ana-
log signal is referred to a noisy, remote digital ground. In each
case, the CMRR specification of the AD670 allows the integrity
of the input signal to be preserved.
The AD670’s common-mode voltage tolerance allows great
flexibility in circuit layout. Most other A/D converters require
the establishment of one point as the analog reference point.
This is necessary in order to minimize the effects of parasitic
voltages. The AD670, however, eliminates the need to make the
analog ground reference point and A/D analog ground one and
the same. Instead, a system such as that shown in Figure 4b is
possible as a result of the AD670’s common-mode performance.
The resistors and inductors in the ground return represent un-
avoidable system parasitic impedances.
Input/Output Options
Data output coding (2s complement vs. straight binary) is
selected using Pin 12, the FORMAT pin. The selection of
input format (bipolar vs. unipolar) is controlled using Pin 11,
BPO/UPO. Prior to a write/convert, the state of FORMAT and
BPO/UPO should be available to the converter. These lines may
be tied to the data bus and may be changed with each conver-
sion if desired. The configurations are shown in Table I. Output
coding for representative signals in each of these configurations
is shown in Figure 5.
An output signal, STATUS, indicates the status of the conver-
sion. STATUS goes high at the beginning of the conversion and
returns low when the conversion cycle has been completed.


Numéro de pièce similaire - AD670JNZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD670JN AD-AD670JN Datasheet
364Kb / 12P
   Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD670JN AD-AD670JN Datasheet
397Kb / 13P
   Low Cost Signal Conditioning 8-Bit ADC
More results

Description similaire - AD670JNZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD670 AD-AD670_15 Datasheet
366Kb / 12P
   Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD670 AD-AD670_17 Datasheet
397Kb / 13P
   Low Cost Signal Conditioning 8-Bit ADC
AD670 AD-AD670 Datasheet
364Kb / 12P
   Low Cost Signal Conditioning 8-Bit ADC
REV. A
AD7712 AD-AD7712_15 Datasheet
258Kb / 28P
   Signal Conditioning ADC
REV. F
AD7711 AD-AD7711_17 Datasheet
354Kb / 29P
   Signal Conditioning ADC
AD7714 AD-AD7714_17 Datasheet
349Kb / 41P
   Signal Conditioning ADC
AD7710 AD-AD7710 Datasheet
220Kb / 28P
   Signal Conditioning ADC
REV. F
AD7710ANZ AD-AD7710ANZ Datasheet
265Kb / 32P
   Signal Conditioning ADC
REV. G
AD7712 AD-AD7712_17 Datasheet
304Kb / 29P
   Signal Conditioning ADC
AD7710 AD-AD7710_17 Datasheet
319Kb / 33P
   Signal Conditioning ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com