Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2753-01 Fiches technique(PDF) 1 Page - Fuji Electric

No de pièce 2SK2753-01
Description  N-channel MOS-FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJI [Fuji Electric]
Site Internet  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK2753-01 Fiches technique(HTML) 1 Page - Fuji Electric

  2SK2753-01 Datasheet HTML 1Page - Fuji Electric 2SK2753-01 Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SK2753-01
N-channel MOS-FET
FAP-IIS Series
120V
32m
±50A 150W
> Features
> Outline Drawing
-
High Speed Switching
-
Low On-Resistance
-
No Secondary Breakdown
-
Low Driving Power
-
High Voltage
-
VGS = ± 30V Guarantee
-
Repetitive Avalanche Rated
> Applications
-
Switching Regulators
-
UPS
-
DC-DC converters
-
General Purpose Power Amplifier
> Maximum Ratings and Characteristics
> Equivalent Circuit
-
Absolute Maximum Ratings (TC=25°C), unless otherwise specified
Item
Symbol
Rating
Unit
Drain-Source-Voltage
V DS
120
V
Drain-gate-Voltage
V DGR
120
Continous Drain Current
I D
±50
A
Pulsed Drain Current
I D(puls)
±200
A
Gate-Source-Voltage
V GS
±30
V
Max. Power Dissipation
P D
150
W
Operating and Storage Temperature Range
T ch
150
°C
T stg
-55 ~ +150
°C
-
Electrical Characteristics (TC=25°C), unless otherwise specified
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Drain-Source Breakdown-Voltage
BV DSS
ID=1mA
VGS=0V
120
V
Gate Threshhold Voltage
V GS(th)
ID=10mA
VDS=VGS
2,5
3,0
3,5
V
Zero Gate Voltage Drain Current
I DSS
VDS=120V
Tch=25°C
10
500
µA
VGS=0V
Tch=125°C
0,2
1,0
mA
Gate Source Leakage Current
I GSS
VGS=±30V
VDS=0V
10
100
nA
Drain Source On-State Resistance
R DS(on)
ID25A
VGS=10V
24
32
m
Forward Transconductance
g fs
ID=25A
VDS=25V
25
50
S
Input Capacitance
C iss
VDS=25V
4250
6400
pF
Output Capacitance
C oss
VGS=0V
820
1200
pF
Reverse Transfer Capacitance
C rss
f=1MHz
250
370
pF
Turn-On-Time ton (ton=td(on)+tr)
t d(on)
VCC=50V
30
45
ns
t r
ID=50A
160
240
ns
Turn-Off-Time toff (ton=td(off)+tf)
t d(off)
VGS=10V
150
230
ns
t f
RGS=10 Ω
140
210
ns
Avalanche Capability
I AV
L = 100µH
Tch=25°C
50
A
Diode Forward On-Voltage
V SD
IF=2xIDR VGS=0V Tch=25°C
1,3
2,0
V
Reverse Recovery Time
t rr
IF=IDR VGS=0V
150
ns
Reverse Recovery Charge
Q rr
-dIF/dt=100A/µs Tch=25°C
1,1
µC
-
Thermal Characteristics
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Thermal Resistance
R th(ch-c)
channel to case
0,833
°C/W
R th(ch-a)
channel to air
35
°C/W


Numéro de pièce similaire - 2SK2753-01

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SK2753 ISC-2SK2753 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - 2SK2753-01

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1822-01M FUJI-2SK1822-01M Datasheet
185Kb / 2P
   N-channel MOS-FET
2SK1881-L FUJI-2SK1881-L Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1936-1 FUJI-2SK1936-1 Datasheet
216Kb / 2P
   N-channel MOS-FET
2SK1943-01 FUJI-2SK1943-01 Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1944-01 FUJI-2SK1944-01 Datasheet
219Kb / 2P
   N-channel MOS-FET
2SK1981-01 FUJI-2SK1981-01 Datasheet
215Kb / 2P
   N-channel MOS-FET
2SK1986-01 FUJI-2SK1986-01 Datasheet
214Kb / 2P
   N-channel MOS-FET
2SK2027-01 FUJI-2SK2027-01 Datasheet
210Kb / 2P
   N-channel MOS-FET
2SK2048-L FUJI-2SK2048-L Datasheet
206Kb / 2P
   N-channel MOS-FET
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com