Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UA741CN Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce UA741CN
Description  General-purpose single operational amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UA741CN Fiches technique(HTML) 5 Page - STMicroelectronics

  UA741CN Datasheet HTML 1Page - STMicroelectronics UA741CN Datasheet HTML 2Page - STMicroelectronics UA741CN Datasheet HTML 3Page - STMicroelectronics UA741CN Datasheet HTML 4Page - STMicroelectronics UA741CN Datasheet HTML 5Page - STMicroelectronics UA741CN Datasheet HTML 6Page - STMicroelectronics UA741CN Datasheet HTML 7Page - STMicroelectronics UA741CN Datasheet HTML 8Page - STMicroelectronics UA741CN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DocID5304 Rev 3
5/11
UA741
Electrical characteristics
11
3
Electrical characteristics
Table 3. Electrical characteristics at VCC = ±15 V, Tamb = 25 °C
(unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (Rs ≤10 kΩ)
Tamb = +25 °C
Tmin ≤Tamb ≤Tmax
15
6
mV
Iio
Input offset current
Tamb = +25 °C
Tmin ≤Tamb ≤Tmax
230
70
nA
Iib
Input bias current
Tamb = +25 °C
Tmin ≤Tamb ≤Tmax
10
100
200
Avd
Large signal voltage gain
(Vo = ±10 V, RL = 2 kΩ)
Tamb = +25 °C
Tmin ≤Tamb ≤Tmax
50
25
200
V/mV
SVR
Supply voltage rejection ratio (Rs ≤10 kΩ)
Tamb = +25 °C
Tmin ≤Tamb ≤Tmax
77
77
90
dB
ICC
Supply current, no load
Tamb = +25 °C
Tmin ≤Tamb ≤Tmax
1.7
2.8
3.3
mA
Vicm
Input common mode voltage range
Tamb = +25 °C
Tmin ≤Tamb ≤Tmax
±12
±12
V
CMR
Common mode rejection ratio (RS ≤10 kΩ)
Tamb = +25 °C
Tmin ≤Tamb ≤Tmax
70
70
90
dB
IOS
Output short circuit current
10
25
40
mA
±Vopp
Output voltage swing
Tamb = +25 °C
RL = 10 kΩ
RL = 2 kΩ
Tmin ≤Tamb ≤Tmax
RL = 10 kΩ
RL = 2 kΩ
12
10
12
10
14
13
V
SR
Slew rate
Vi = ±10 V, RL = 2 kΩ, CL = 100 pF, unity gain
0.25
0.5
V/
μs
tr
Rise time
Vi = ±20 mV, RL = 2 kΩ, CL = 100 pF, unity gain
0.3
μs
Kov
Overshoot
Vi = 20 mV, RL = 2 kΩ, CL = 100 pF, unity gain
5%
Ri
Input resistance
0.3
2
M
Ω


Numéro de pièce similaire - UA741CN

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
UA741CN STMICROELECTRONICS-UA741CN Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
UA741CN STMICROELECTRONICS-UA741CN Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
UA741CN STMICROELECTRONICS-UA741CN Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741CN STMICROELECTRONICS-UA741CN Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741CN14 STMICROELECTRONICS-UA741CN14 Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
More results

Description similaire - UA741CN

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741_01 Datasheet
88Kb / 5P
   GENERAL PURPOSE SINGLE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM741 NJRC-NJM741 Datasheet
174Kb / 5P
   SINGLE GENERAL PURPOSE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
UA741MD STMICROELECTRONICS-UA741MD Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741 STMICROELECTRONICS-UA741_05 Datasheet
153Kb / 11P
   General-purpose single operational amplifier
UA741CDT STMICROELECTRONICS-UA741CDT Datasheet
153Kb / 11P
   General-purpose single operational amplifier
logo
Texas Instruments
OPA171-Q1 TI1-OPA171-Q1_15 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, General-Purpose Operational Amplifier
logo
STMicroelectronics
TL081 STMICROELECTRONICS-TL081 Datasheet
91Kb / 9P
   GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
TL081 STMICROELECTRONICS-TL081_07 Datasheet
321Kb / 14P
   GENERAL PURPOSE J-FET SINGLE OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA171-Q1 TI1-OPA171-Q1 Datasheet
767Kb / 18P
[Old version datasheet]   36V, SINGLE-SUPPLY, GENERAL-PURPOSE OPERATIONAL AMPLIFIER
UA702M TI-UA702M Datasheet
193Kb / 4P
[Old version datasheet]   GENERAL-PURPOSE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com