Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ58CA Fiches technique(PDF) 4 Page - Diodes Incorporated

No de pièce SMAJ58CA
Description  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMAJ58CA Fiches technique(HTML) 4 Page - Diodes Incorporated

  SMAJ58CA Datasheet HTML 1Page - Diodes Incorporated SMAJ58CA Datasheet HTML 2Page - Diodes Incorporated SMAJ58CA Datasheet HTML 3Page - Diodes Incorporated SMAJ58CA Datasheet HTML 4Page - Diodes Incorporated SMAJ58CA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMAJ5.0(C)A - SMAJ170(C)A
Document number: DS19005 Rev. 15 - 2
4 of 5
www.diodes.com
June 2009
© Diodes Incorporated
SMAJ5.0(C)A - SMAJ170(C)A
Ordering Information (Note 9)
Part Number
Case
Packaging
SMAJXXX(C)A-13-F
SMA
5000/Tape & Reel
*x = Device Voltage, e.g., SMCJ170A-13-F. Example: SMAJ170A-13-F.
Notes:
9. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Package Outline Dimensions
Suggested Pad Layout
SMA
Dim
Min
Max
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.05
0.20
H
0.76
1.52
J
2.01
2.30
All Dimensions in mm
SMA
Dimensions
Value (in mm)
Z
6.5
G
1.5
X
1.7
Y
2.5
C
4.0
xx = Product type marking code (See Page 2)
= Manufacturers’ code marking
YWW = Date code marking
Y = Last digit of year (ex: 2 for 2002)
WW = Week code 01 to 52
YWW
xx
A
B
C
D
G
H
E
J


Numéro de pièce similaire - SMAJ58CA

FabricantNo de pièceFiches techniqueDescription
logo
Bytes
SMAJ58CA BYTES-SMAJ58CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
SMAJ58CA DIODES-SMAJ58CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ58CA PACELEADER-SMAJ58CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SiPower Inc.
SMAJ58CA SIPOWER-SMAJ58CA Datasheet
917Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMAJ58CA SOCAY-SMAJ58CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Description similaire - SMAJ58CA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com