Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF9383MTRPBF Fiches technique(PDF) 8 Page - International Rectifier

No de pièce IRF9383MTRPBF
Description  Isolation Switch for Input Power or Battery Application
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF9383MTRPBF Fiches technique(HTML) 8 Page - International Rectifier

  IRF9383MTRPBF Datasheet HTML 1Page - International Rectifier IRF9383MTRPBF Datasheet HTML 2Page - International Rectifier IRF9383MTRPBF Datasheet HTML 3Page - International Rectifier IRF9383MTRPBF Datasheet HTML 4Page - International Rectifier IRF9383MTRPBF Datasheet HTML 5Page - International Rectifier IRF9383MTRPBF Datasheet HTML 6Page - International Rectifier IRF9383MTRPBF Datasheet HTML 7Page - International Rectifier IRF9383MTRPBF Datasheet HTML 8Page - International Rectifier IRF9383MTRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 28, 2014
8
IRF9383MPbF
DirectFET® Outline Dimension, MX Outline
(Medium Size Can, X-Designation).
Please see DirectFET application note AN-1035 for all details regarding the assembly of DirectFET. This includes
all recommendations for stencil and substrate designs.
DirectFET® Part Marking
CODE
A
B
C
D
E
F
G
H
J
K
L
M
P
0.017
0.028
0.007
0.040
0.095
0.156
0.028
0.018
0.028
MAX
0.250
0.38
0.59
0.08
0.88
2.28
3.85
0.68
0.35
0.68
MIN
6.25
4.80
0.42
0.70
0.17
1.02
2.42
3.95
0.72
0.45
0.72
MAX
6.35
5.05
0.015
0.023
0.003
0.090
0.035
0.152
0.027
0.027
0.014
MIN
0.189
0.246
METRIC
IMPERIAL
DIMENSIONS
1.38
1.42
0.80
0.84
0.056
0.054
0.033
0.031
R
0.03
0.08
0.001
0.003
Dimensions are shown in
millimeters (inches)
0.199
GATE MARKING
PART NUMBER
LOGO
BATCH NUMBER
DATE CODE
Line above the last character of
the date code indicates "Lead-Free"
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/


Numéro de pièce similaire - IRF9383MTRPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF9383MPBF IRF-IRF9383MPBF Datasheet
248Kb / 10P
   Isolation Switch for Input Power or Battery Application
IRF9383MPBF IRF-IRF9383MPBF_15 Datasheet
248Kb / 10P
   Isolation Switch for Input Power or Battery Application
More results

Description similaire - IRF9383MTRPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF9395MPBF IRF-IRF9395MPBF Datasheet
298Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRF9383MPBF IRF-IRF9383MPBF_15 Datasheet
248Kb / 10P
   Isolation Switch for Input Power or Battery Application
IRF9395MPBF IRF-IRF9395MPBF_15 Datasheet
254Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
   Load switch for battery application
IRL6297SDPBF IRF-IRL6297SDPBF_15 Datasheet
266Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFH6200TRPBF IRF-IRFH6200TRPBF Datasheet
212Kb / 8P
   Charge and discharge switch for battery application
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFHM8337PBF IRF-IRFHM8337PBF Datasheet
520Kb / 9P
   Charge or discharge switch for battery protection
logo
Infineon Technologies A...
IRFHM8337TRPBF INFINEON-IRFHM8337TRPBF Datasheet
608Kb / 11P
   Charge or discharge switch for battery protection
2016-2-23
IRFHM9391TRPBF INFINEON-IRFHM9391TRPBF Datasheet
515Kb / 10P
   Charge or discharge switch for battery protection
2016-2-23
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com