Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-J456 Fiches technique(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-J456
Description  Intelligent Power Module and Gate Drive Interface Optocouplers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-J456 Fiches technique(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-J456 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-J456 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-J456 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-J456 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-J456 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-J456 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-J456 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-J456 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-J456 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics
HCPL-0466
HCPL-4506
Description
Symbol
Option 060
Option 060
HCPL-J456
HCNW4506
Unit
Installation classification per
DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤150 V rms
I-IV
I-IV
I-IV
I-IV
for rated mains voltage ≤300 V rms
I-III
I-IV
I-IV
I-IV
for rated mains voltage ≤450 V rms
I-III
I-III
I-IV
for rated mains voltage ≤600 V rms
I-III
I-IV
for rated mains voltage ≤1000 V rms
I-III
Climatic Classification
55/100/21
55/100/21
55/100/21
55/100/21
Pollution Degree
2
2
2
2
(DIN VDE 0110/1.89)
Maximum Working
VIORM
560
630
891
1414
Vpeak
Insulation Voltage
Input to Output Test Voltage,
Method b* VIORM x 1.875 = VPR,
100% Production Test with tm =
VPR
1050
1181
1670
2652
Vpeak
1 sec, Partial Discharge < 5pC
Input to Output Test Voltage,
Method a* VIORM x 1.5 = VPR,
Type and Sample Test, tm = 60 sec,
VPR
840
945
1336
2121
Vpeak
Partial Discharge < 5pC
Highest Allowable Overvoltage*
VIOTM
4000
6000
6000
8000
Vpeak
(Transient Overvoltage, tini = 10 sec)
Safety Limiting Values – maximum
values allowed in the event of a fail-
ure, also see Thermal Derating curve.
Case Temperature
TS
150
175
175
150
°C
Input Current
IS INPUT
150
230
400
400
mA
Output Power
PS OUTPUT
600
600
600
700
mW
Insulation Resistance at TS ,
RS
≥ 109
≥109
≥109
≥109
Ω
VIO = 500 V
*Refer to the optocoupler section of the Designer's Catalog, under regulatory information (IEC/EN/DIN EN 60747-5-2) for a detailed description of
Method a and Method b partial discharge test profiles.
Notes:
These optocouplers are suitable for "safe electrical isolation" only within the safety limit data. Maintenance of the safety data shall be ensured by
means of protective circuits.
Insulation Characteristics are per IEC/EN/DIN EN 60747-5-2.
Surface mount classification is Class A in accordance with CECC 00802.
All Avago data sheets report the creepage and clearance
inherent to the optocoupler component itself. These di-
mensions are needed as a starting point for the equip-
ment designer when determining the circuit insulation
requirements. However, once mounted on a printed
circuit board, minimum creepage and clearance require-
ments must be met as specified for individual equipment
standards. For creepage, the shortest distance path along
the surface of a printed circuit board between the solder
fillets of the input and output leads must be considered.
There are recommended techniques such as grooves
and ribs which may be used on a printed circuit board to
achieve desired creepage and clearances. Creepage and
clearance distances will also change depending on fac-
tors such as pollution degree and insulation level.


Numéro de pièce similaire - HCPL-J456

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-J456 AVAGO-HCPL-J456 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
More results

Description similaire - HCPL-J456

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4506-500E AVAGO-HCPL-4506-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-4506 HP-HCPL-4506 Datasheet
267Kb / 14P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0466-500E AVAGO-HCPL-0466-500E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-J456 AVAGO-HCPL-J456 Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-0466-560E AVAGO-HCPL-0466-560E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506 AVAGO-HCPL-4506 Datasheet
359Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
HCPL-4506-000E AVAGO-HCPL-4506-000E Datasheet
374Kb / 21P
   Intelligent Power Module and Gate Drive Interface Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-5300 HP-HCPL-5300 Datasheet
261Kb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-5300 BOARDCOM-HCPL-5300 Datasheet
1Mb / 16P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5300 AVAGO-HCPL-5300_12 Datasheet
137Kb / 15P
   Intelligent Power Module and Gate Drive Interface Hermetically Sealed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com